Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVPE502CP1RGER Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LVPE502CP1RGER
Description  Dual Channel USB3.0 Redriver/Equalizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE502CP1RGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVPE502CP1RGER Datasheet HTML 6Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 7Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 8Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 9Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 10Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 11Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 12Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 13Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SN65LVPE502CP
SLLSE79B
– MARCH 2011 – REVISED FEBRUARY 2012
www.ti.com
DETAILED DESCRIPTION
Programmable EQ, De-Emphasis and Amplitude Swing
The SN65LVPE502CP is designed to minimize signal degradation effects such as crosstalk and inter-symbol
interference (ISI) that limits the interconnect distance between two devices. The input stage of each channel
offers selectable equalization settings that can be programmed to match loss in the channel. The differential
outputs provide selectable de-emphasis to compensate for the anticipated distortion USB 3.0 signal will
experience. Level of de-emphasis will depend on the length of interconnect and its characteristics. The
SN65LVPE502CP provides a unique way to tailor output de-emphasis on a per channel basis with use of DE and
OS pins. All Rx and Tx equalization settings supported by the device are programmed by six 3-state pins as
shown in Table 2.
Low Power Modes
Device supports three low power modes as described below
1. Sleep Mode
Initiated anytime EN_RXD undergoes a high to low transition and stays low or when device powers up with
EN_RXD set low. In sleep mode both input and output terminations are held at HiZ and device ceases
operation to conserve power. Sleep mode max power consumption is 1mW, entry time is 2
µs, device exits
sleep mode to Rx.Detect mode after EN_RXD is driven to Vcc, exit time is 100
µs max.
2. RX Detect Mode--When no remote device is connected
Anytime LVPE502CP detects a break in link (i.e. when upstream device is disconnected) or after power-up
fails to find a remote device, LVPE502CP goes to Rx Detect mode and conserves power by shutting down
majority of its internal circuitry. In this mode input termination for both channels are driven to Hi-Z. In Rx
Detect mode device power is
<10mW (TYP) or less than 5% of its normal operating power . This feature is
very useful in saving system power in mobile applications like notebook PC where battery life is critical.
Anytime an upstream device gets reconnected the redriver automatically senses the connection and goes to
normal operating mode. This operation requires no setting to the device.
3. U2/U3 Mode
With the help of internal timers the device tracks when link enters USB 3.0 low power modes U2 and U3; in
these modes link is in electrical idle state. LVPE502CP will selectively turn-off internal circuitry to save on
power. Typical power saving is about 75% lower than normal operating mode. The device will automatically
revert to active mode when signal activity (LFPS) is detected.
Receiver Detection
At Power Up or Reset
After power-up or anytime EN_RXD is toggled, RX.Detect cycle is performed by first setting Rx termination for
each channel to Hi-Z, device then starts sensing for receiver termination that may be attached at the other end of
each TX.
If receiver is detected on both channel
The TX and RX terminations are switched to ZDIFF_TX, ZDIFF_RX respectively.
If no receiver is detected on one or both channels
The transmitter is pulled to Hi-Z
The channel is put in low power mode
Device attempts to detect Rx termination in 12 ms (TYP) interval until termination is found or device is put in
sleep mode
During U2/U3 Link State
Rx detection is also performed periodically when link is in U2/U3 states. However in these states during Rx
detection, input termination is not automatically disabled before performing Rx.Detect. If termination is found
device goes back to its low power state if termination is not found then device disables its input termination and
then jumps to power-up RX.Detect state.
10
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): SN65LVPE502CP


Similar Part No. - SN65LVPE502CP1RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGER TI-SN65LVPE502CPRGER Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGER TI-SN65LVPE502CPRGER Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGET TI-SN65LVPE502CPRGET Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGET TI-SN65LVPE502CPRGET Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE502CP1RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com