Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVPE502CPRGER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVPE502CPRGER
Description  Dual Channel USB3.0 Redriver/Equalizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE502CPRGER Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVPE502CPRGER Datasheet HTML 1Page - Texas Instruments SN65LVPE502CPRGER Datasheet HTML 2Page - Texas Instruments SN65LVPE502CPRGER Datasheet HTML 3Page - Texas Instruments SN65LVPE502CPRGER Datasheet HTML 4Page - Texas Instruments SN65LVPE502CPRGER Datasheet HTML 5Page - Texas Instruments SN65LVPE502CPRGER Datasheet HTML 6Page - Texas Instruments SN65LVPE502CPRGER Datasheet HTML 7Page - Texas Instruments SN65LVPE502CPRGER Datasheet HTML 8Page - Texas Instruments SN65LVPE502CPRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SN65LVPE502CP
www.ti.com
SLLSE79B
– MARCH 2011 – REVISED FEBRUARY 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage range(2)
VCC
–0.5
4
V
Differential I/O
–0.5
4
V
Voltage range
Control I/O
–0.5
VCC + 0.5
V
Human body model(3)
±5000
V
Electrostatic discharge
Charged-device model(4)
±1500
V
Machine model(5)
±200
V
Continuous power
See Thermal Table
dissipation
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
THERMAL INFORMATION
SN65LVPE502CP
THERMAL METRIC(1)
RGE PACKAGE
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
46
θJCtop
Junction-to-case (top) thermal resistance
42
°C/W
θJB
Junction-to-board thermal resistance
13
θJCbot
Junction-to-case (bottom) thermal resistance
4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
RSVD, EN_RXD, EQ cntrl pins = NC,
PD
Device power dissipation
330
450
mW
K28.5 pattern at 5 Gbps, VID = 1000mVp-p
PSlp
Device power dissipation in sleep mode
EN_RXD= GND
0.3
1
mW
(1)
The maximum rating is simulated under 3.6V VCC.
Device Power
The SN65LVPE502CP is designed to operate from a single 3.3V supply.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LVPE502CP


Similar Part No. - SN65LVPE502CPRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502CPRGER TI-SN65LVPE502CPRGER Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGER TI-SN65LVPE502CPRGER Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE502CPRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com