Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVPE502RGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVPE502RGET
Description  Dual Channel USB3.0 Redriver/Equalizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE502RGET Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVPE502RGET Datasheet HTML 1Page - Texas Instruments SN65LVPE502RGET Datasheet HTML 2Page - Texas Instruments SN65LVPE502RGET Datasheet HTML 3Page - Texas Instruments SN65LVPE502RGET Datasheet HTML 4Page - Texas Instruments SN65LVPE502RGET Datasheet HTML 5Page - Texas Instruments SN65LVPE502RGET Datasheet HTML 6Page - Texas Instruments SN65LVPE502RGET Datasheet HTML 7Page - Texas Instruments SN65LVPE502RGET Datasheet HTML 8Page - Texas Instruments SN65LVPE502RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SN65LVPE502
SLLSE29 A
– APRIL 2010 – REVISED FEBRUARY 2012
www.ti.com
3. U2/U3 Mode
With the help of internal timers the device tracks when link enters USB 3.0 low power modes U2 and U3, in
these modes link is in electrical idle state. SN65LVPE502 will selectively turn-off internal circuitry to save on
power. Typical power saving is about 75% lower than normal operating mode. The device will automatically
revert to active mode when signaling activity (LFPS) is detected.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION CONTINUED
Receiver Detection
RX.Detect cycle is performed by first setting Rx termination for each channel to Hi-Z, device then starts sensing
for receiver termination that may be attached at the other end of each TX.
If receiver is detected on both channel:
The TX and RX terminations are switched to ZDIFF-TX, ZDIFF-RX, respectively
If no receiver is detected on one or both channels:
The transmitter is pulled to Hi-Z
The channel is put in low power mode
Device attempts to detect Rx termination in 12 ms (TYP) interval until termination is found or the device is put
in sleep mode.
USB Compliance Mode
The device enters USB compliance mode when both EN_RXD and CM pins are set H. This mode is used to test
the transmitter for compliance to voltage and timing specifications per USB 3.0 compliance specs. In this mode
each channel will maintain its low-impedance termination RDC-RX, while auto Rx detect operation in the device is
disabled.
Electrical Idle Support
The electrical idle support is needed for low frequency periodic signaling (LFPS) used in USB 3.0 side band
communication. A link is in an electrical idle state when the TX
± voltage is held at a steady constant value like
the common mode voltage. SN65LVPE502 detects an electrical idle state when RX
± voltage at the device pin
falls below VRX_IDLE_DIFFpp min. After detection of an idle state in a given channel the device asserts electrical idle
state in its corresponding TX. When RX
± voltage exceeds VRX_IDLE_DIFFpp max normal operation is restored and
output start passing input signal. The electrical idle exit and entry time is specified at
≤6 ns.
2
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): SN65LVPE502


Similar Part No. - SN65LVPE502RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502RGET TI-SN65LVPE502RGET Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502RGET TI-SN65LVPE502RGET Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE502RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com