Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1654AIPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1654AIPWR
Description  Low Noise and Distortion, General-Purpose, FET-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1654AIPWR Datasheet(HTML) 5 Page - Texas Instruments

  OPA1654AIPWR Datasheet HTML 1Page - Texas Instruments OPA1654AIPWR Datasheet HTML 2Page - Texas Instruments OPA1654AIPWR Datasheet HTML 3Page - Texas Instruments OPA1654AIPWR Datasheet HTML 4Page - Texas Instruments OPA1654AIPWR Datasheet HTML 5Page - Texas Instruments OPA1654AIPWR Datasheet HTML 6Page - Texas Instruments OPA1654AIPWR Datasheet HTML 7Page - Texas Instruments OPA1654AIPWR Datasheet HTML 8Page - Texas Instruments OPA1654AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Time (1 s/div)
G002
1
10
100
1
10
100
1k
10k
100k
Frequency (Hz)
G001
0
2
5
8
10
12
15
18
20
10k
100k
1M
10M
Frequency (Hz)
VS = ± 15 V
VS = ± 2.25 V
G004
1
10
100
1k
10k
100
1k
10k
100k
1M
Resistor Noise
OPA166x
OPA165x
Source Resistance ( )
W
E
o
2 = e
n
2 + (i
n
RS)
2 + 4KTR
S
G003
R
S
E
O
10
100
1k
10k
100k
1M
10M
100M
−20
0
20
40
60
80
100
120
140
0
45
90
135
180
Frequency (Hz)
Gain
Phase
CL = 10 pF
G005
−20
0
20
40
100k
1M
10M
100M
Frequency (Hz)
Gain = −1 V/V
Gain = +1 V/V
Gain = +10 V/V
CL = 10 pF
G006
OPA1652
OPA1654
www.ti.com
SBOS477
– DECEMBER 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
INPUT VOLTAGE NOISE DENSITY
vs FREQUENCY
0.1Hz TO 10Hz NOISE
Figure 1.
Figure 2.
VOLTAGE NOISE vs SOURCE RESISTANCE
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Figure 3.
Figure 4.
GAIN AND PHASE vs FREQUENCY
CLOSED-LOOP GAIN vs FREQUENCY
Figure 5.
Figure 6.
Copyright
© 2011, Texas Instruments Incorporated
5
Product Folder Link(s): OPA1652 OPA1654


Similar Part No. - OPA1654AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1654AIPWR TI1-OPA1654AIPWR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
More results

Similar Description - OPA1654AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com