Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-H3502 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q67100-H3502
Description  16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-H3502 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q67100-H3502 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-H3502 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-H3502 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-H3502 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-H3502 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-H3502 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-H3502 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-H3502 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-H3502 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SLx 24C164/P
Semiconductor Group
4
1998-07-27
Ordering Information
Other types are available on request
– Temperature range (– 55 °C
… + 150 °C)
– Package (die, wafer delivery)
1
Pin Configuration
Figure 1
Pin Configuration (top view)
Pin Definitions and Functions
Type
Ordering Code Package
Temperature
Voltage
SLA 24C164-D/P
Q67100-H3504 P-DIP-8-4
– 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C164-S/P
Q67100-H3499 P-DSO-8-3 – 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C164-D-3/P
Q67100-H3502 P-DIP-8-4
– 40 °C … + 85 °C 2.7 V...5.5 V
SLA 24C164-S-3/P
Q67100-H3498 P-DSO-8-3 – 40 °C … + 85 °C 2.7 V...5.5 V
SLE 24C164-D/P
Q67100-H3503 P-DIP-8-4
– 40°C … + 125 °C 4.5 V...5.5 V
SLE 24C164-S/P
Q67100-H3497 P-DSO-8-3 – 40°C … + 125 °C 4.5 V...5.5 V
Table 1
Pin No.
Symbol
Function
1, 2, 3
CS0, CS1, CS2
Chip select inputs
4
V
SS
Ground
5
SDA
Serial bidirectional data bus
6
SCL
Serial clock input
7
WP
Write protection input
8
V
CC
Supply voltage
IEP02124
CS0
5
6
7
8
4
3
2
1
V
SS
CS1
WP
CS2
SCL
SDA
CC
V
P-DSO-8-3
IEP02125
CC
V
CS1
18
WP
V
7
2
SCL
6
3
SDA
5
4
SS
CS2
CS0
P-DIP-8-4


Similar Part No. - Q67100-H3502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-H3500 SIEMENS-Q67100-H3500 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Q67100-H3501 SIEMENS-Q67100-H3501 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Q67100-H3505 SIEMENS-Q67100-H3505 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Q67100-H3506 SIEMENS-Q67100-H3506 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Q67100-H3507 SIEMENS-Q67100-H3507 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - Q67100-H3502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com