Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9515BDGKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9515BDGKR
Description  DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9515BDGKR Datasheet(HTML) 5 Page - Texas Instruments

  PCA9515BDGKR Datasheet HTML 1Page - Texas Instruments PCA9515BDGKR Datasheet HTML 2Page - Texas Instruments PCA9515BDGKR Datasheet HTML 3Page - Texas Instruments PCA9515BDGKR Datasheet HTML 4Page - Texas Instruments PCA9515BDGKR Datasheet HTML 5Page - Texas Instruments PCA9515BDGKR Datasheet HTML 6Page - Texas Instruments PCA9515BDGKR Datasheet HTML 7Page - Texas Instruments PCA9515BDGKR Datasheet HTML 8Page - Texas Instruments PCA9515BDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PCA9515B
www.ti.com
SCPS232 – MARCH 2012
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
2.3 V to 3.6 V
–1.2
V
SDAx,
VOL
Low-level output voltage
IOL = 20 μA or 6 mA
2.3 V to 3.6 V
0.4
0.5
0.6
V
SCLx
Low-level input voltage below
SDAx,
VOL – VILc
II = 10 μA
2.3 V to 3.6 V
70
mV
low-level output voltage
SCLx
2.7 V
0.5
3
Both channels high,
SDAx = SCLx = VCC
3.6 V
0.5
3
Both channels low,
2.7 V
1
4
SDA0 = SCL0 = GND and
ICC
Quiescent supply current
SDA1 = SCL1 = open; or
mA
3.6 V
1
4
SDA0 = SCL0 = open and
SDA1 = SCL1 = GND
2.7 V
1
4
In contention,
SDAx = SCLx = GND
3.6 V
1
4
VI = 3.6 V
±1
SDAx,
SCLx
VI = 0.2 V
3
II
Input current
2.3 V to 3.6 V
μA
VI = VCC
±1
EN
VI = 0.2 V
–10
–20
VI = 3.6 V
0.5
SDAx,
Ioff
Leakage current
EN = L or H
0 V
μA
SCLx
VI = GND
0.5
Leakage current during
SDAx,
II(ramp)
VI = 3.6 V
EN = L or H
0 V to 2.3 V
1
μA
power up
SCLx
EN
3.3 V
7
9
Cin
Input capacitance
VI = 3 V or GND
pF
SDAx,
EN = H
3.3 V
7
9
SCLx
(1)
All typical values are at nominal supply voltage (VCC = 2.5 V or 3.3 V) and TA = 25°C.
Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
tsu
Setup time, EN
↑ before Start condition
100
100
ns
th
Hold time, EN
↓ after Stop condition
130
100
ns
Switching Characteristics
over recommended operating free-air temperature range, CL ≤ 100 pF (unless otherwise noted)
VCC = 2.5 V ± 0.2 V
VCC = 3.3 V ± 0.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
tPZL
45
82
130
45
68
120
SDA0, SCL0 or
SDA1, SCL1 or
Propagation delay time(2)
ns
SDA1, SCL1
SDA0, SCL0
tPLZ
33
113
190
33
102
180
ttHL
80%
20%
57
58
Output transition time(2)
ns
(SDAx, SCLx)
ttLH
20%
80%
148
147
(1)
All typical values are at nominal supply voltage (VCC = 2.5 V or 3.3 V) and TA = 25°C.
(2)
Different load resistance and capacitance alter the RC time constant, thereby changing the propagation delay and transition times.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCA9515B


Similar Part No. - PCA9515BDGKR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515 PHILIPS-PCA9515 Datasheet
128Kb / 11P
   I2C-bus repeater
2004 Jun 24
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
   I2C-bus repeater
2004 Sep 29
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
NXP Semiconductors
PCA9515A NXP-PCA9515A Datasheet
112Kb / 18P
   I2C-bus repeater
Rev. 04-11 April 2008
More results

Similar Description - PCA9515BDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com