Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA140ATDD2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140ATDD2
Description  HIGH-PRECISION, LOW-NOISE, RAIL-TO-RAIL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA140ATDD2 Datasheet(HTML) 1 Page - Texas Instruments

  OPA140ATDD2 Datasheet HTML 1Page - Texas Instruments OPA140ATDD2 Datasheet HTML 2Page - Texas Instruments OPA140ATDD2 Datasheet HTML 3Page - Texas Instruments OPA140ATDD2 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPA140A-DIE
www.ti.com
SBOS610B – MARCH 2012 – REVISED MARCH 2012
HIGH-PRECISION, LOW-NOISE, RAIL-TO-RAIL OUTPUT,
11-MHZ JFET OPERATIONAL AMPLIFIER
Check for Samples: OPA140A-DIE
1
FEATURES
Very Low Offset Drift
APPLICATIONS
Very Low Offset
Battery-Powered Instruments
Low Input Bias Current
Industrial Controls
Very Low 1/f Noise
Medical Instrumentation
Low Noise
Photodiode Amplifiers
Slew Rate
Active Filters
Low Supply Current
Data Acquisition Systems
Input Voltage Range Includes V– Supply
Automatic Test Systems
Single-Supply Operation: 4.5 V to 36 V
Dual-Supply Operation: ±2.25 V to ±18 V
No Phase Reversal
DESCRIPTION
The OPA140A operational amplifier is a low-power JFET input amplifier that features good drift and low input
bias current. The rail-to-rail output swing and input range that includes V– allow designers to take advantage of
the low-noise characteristics of JFET amplifiers while also interfacing to modern, single-supply, precision analog-
to-digital converters (ADCs) and digital-to-analog converters (DACs). The OPA140A runs on a single 4.5-V to
36-V supply or dual ±2.25-V to ±18-V supplies.
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE(2)
ORDERABLE PART NUMBER
PACKAGE QUANTITY
DESIGNATOR
OPA140ATDD1
252
OPA140A
TD
Bare Die In Waffle Pack
OPA140ATDD2
10
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Processing is per the Texas Instruments commercial production baseline and is in compliance with the Texas Instruments Quality
Control System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room
temperature only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not
warranted. Visual Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA140ATDD2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140AID TI-OPA140AID Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA140AID TI1-OPA140AID Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
OPA140AID TI-OPA140AID Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA140AID TI-OPA140AID Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA140AIDBVR TI-OPA140AIDBVR Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
More results

Similar Description - OPA140ATDD2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI-OPA207_19 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207_1903 TI1-OPA207_1903 Datasheet
1Mb / 38P
[Old version datasheet]   Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Analog Devices
AD8605 AD-AD8605_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8608 AD-AD8608_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Analog Devices
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com