Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1141L Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1141L
Description  11.3 Gbps Modulator Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1141L Datasheet(HTML) 3 Page - Texas Instruments

  ONET1141L Datasheet HTML 1Page - Texas Instruments ONET1141L Datasheet HTML 2Page - Texas Instruments ONET1141L Datasheet HTML 3Page - Texas Instruments ONET1141L Datasheet HTML 4Page - Texas Instruments ONET1141L Datasheet HTML 5Page - Texas Instruments ONET1141L Datasheet HTML 6Page - Texas Instruments ONET1141L Datasheet HTML 7Page - Texas Instruments ONET1141L Datasheet HTML 8Page - Texas Instruments ONET1141L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PD
ADR0
ADR1
DIS
SDA
SCK
2
1
3
4
5
6
17
18
16
15
14
13
8
7
9 10
11 12
23
24
22 21 20 19
BIAS
GND
VCC
COMP
MONB
MONP
ONET 1101L
24 Lead QFN
“ RGE”
ONET 1141L
24 Lead QFN
ONET1141L
www.ti.com
SLLSEB7 – MAY 2012
24 PIN QFN PACKAGE, 4mm x 4mm
(TOP VIEW)
PIN FUNCTIONS
NO.
TYPE
DESCRIPTION
PIN
NAME
1
PD
Analog
Photodiode input. Pin can source or sink current dependent on register setting.
2
ADR0
Digital-in
2-wire interface address programming pin. Leave this pad open for a default address of 0001000.
Pulling the pin to VCC changes the 1st address bit to a 1 (address = 0001001)
3
ADR1
Digital-in
2-wire interface address programming pin. Leave this pad open for a default address of 0001000.
Pulling the pin to VCC changes the 2nd address bit to a 1 (address = 0001010)
4
DIS
Digital-in
Disables both bias and modulation currents when set to high state. Includes a 10k
Ω or 40kΩ pull-up
resistor to VCC. Toggle to reset a fault condition.
5
SCK
Digital-in
2-wire interface serial clock input. Includes a 10k
Ω or 40kΩ pull-up resistor to VCC.
6
SDA
Digital-in/out
2-wire interface serial data input/output. Includes a 10k
Ω or 40kΩ pull-up resistor to VCC.
7
FLT
Digital-out
Fault detection flag. High level indicates that a fault has occurred. Open drain output. Requires an
external 4.7k
Ω to 10kΩ pull-up resistor to VCC for proper operation.
8, 11, 17,
GND
Supply
Circuit ground. Exposed die pad (EP) must be grounded.
20, 23, EP
9
DIN+
Analog-in
Non-inverted data input. On-chip differentially 100
Ω terminated to DIN–. Must be AC coupled.
10
DIN–
Analog-in
Inverted data input. On-chip differentially 100
Ω terminated to DIN+. Must be AC coupled.
12
RZTC
Analog
Connect external zero TC 28.7k
Ω resistor to ground (GND). Used to generate a defined zero TC
reference current for internal DACs.
13
MONB
Analog-out
Bias current monitor. Sources a 1% replica of the bias current. Connect an external resistor to
ground (GND) to use the analog monitor (DMONB = 0). If the voltage at this pin exceeds 1.16V a
fault is triggered. Typically choose a resistor to give MONB voltage of 0.8V at the maximum desired
bias current. If the digital monitor function is used (DMONB = 1) the resistor must be removed.
14
MONP
Analog-out
Photodiode current monitor. Sources a 12.5% replica of the photodiode current when PDRNG = 1X,
a 25% replica when PDRNG = 01 and a 50% replica when PDRNG = 00. Connect an external
resistor (5k
Ω typical) to ground (GND) to use the analog monitor (DMONP = 0). If the voltage at this
pin exceeds 1.16V a fault is triggered when MONPFLT = 1. If the digital monitor function is used
(DMONP = 1) the resistor must be removed.
15
COMP
Analog
Compensation pin used to control the bandwidth of the APC loop. Connect a 0.01µF capacitor to
ground.
16
VCC
Supply
3.3V ± 10% supply voltage.
18
BIAS
Analog
Sinks or sources the bias current for the laser in both APC and open loop modes.
19, 24
VCCO
Supply
3.3V ± 10% supply voltage for the output stage.
21
OUT–
CML-out
Inverted data output.
22
OUT+
CML-out
Non-inverted data output.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ONET1141L


Similar Part No. - ONET1141L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1101LRGER TI-ONET1101LRGER Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1101LRGERG4 TI-ONET1101LRGERG4 Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1101LRGET TI-ONET1101LRGET Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1101LRGETG4 TI-ONET1101LRGETG4 Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
More results

Similar Description - ONET1141L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Vitesse Semiconductor C...
VSC7984 VITESSE-VSC7984 Datasheet
1Mb / 2P
   11.3 Gb/s Electroabsorption Modulator Driver
logo
Texas Instruments
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
logo
OKI electronic componet...
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
   11.1 Gbps Modulator Driver IC
logo
Analog Devices
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
logo
Analog Devices
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com