Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q68000-A8437 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q68000-A8437
Description  Silicon Switching Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q68000-A8437 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q68000-A8437 Datasheet HTML 1Page - Siemens Semiconductor Group Q68000-A8437 Datasheet HTML 2Page - Siemens Semiconductor Group Q68000-A8437 Datasheet HTML 3Page - Siemens Semiconductor Group Q68000-A8437 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Silicon Switching Diode Array
SMBD 2837
SMBD 2838
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SMBD 2837
SMBD 2838
Q68000-A8487
Q68000-A8437
sA5
sA4
SOT-23
Parameter
Symbol
Values
Unit
Reverse voltage
VR
30
V
Forward current
IF
200
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS =35˚C
Ptot
250
mW
Storage temperature range
Tstg
– 65 … + 150
Peak reverse voltage
VRM
35
Surge forward current,
t = 1 µs
IFS
4.5
A
Thermal Resistance
Junction - ambient2)
Rth JA
600
K/W
SMBD 2837
SMBD 2838
50
75
Junction - soldering point
Rth JS
460
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
For high-speed switching applications
q
Common cathode
5.91


Similar Part No. - Q68000-A8437

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q68000-A8436 SIEMENS-Q68000-A8436 Datasheet
100Kb / 4P
   Silicon Switching Diode Array
Q68000-A8438 SIEMENS-Q68000-A8438 Datasheet
99Kb / 4P
   Silicon Switching Diode Array
Q68000-A8439 SIEMENS-Q68000-A8439 Datasheet
99Kb / 4P
   Silicon Switching Diode
More results

Similar Description - Q68000-A8437

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAS28W KEXIN-BAS28W Datasheet
40Kb / 2P
   Silicon Switching Diode Array
logo
Siemens Semiconductor G...
SMBD6100 SIEMENS-SMBD6100 Datasheet
99Kb / 4P
   Silicon Switching Diode Array
SMBD7000 SIEMENS-SMBD7000 Datasheet
99Kb / 4P
   Silicon Switching Diode Array
logo
Infineon Technologies A...
BGX50A INFINEON-BGX50A_07 Datasheet
69Kb / 6P
   Silicon Switching Diode Array
2007-03-27
BGX50A INFINEON-BGX50A Datasheet
39Kb / 4P
   Silicon Switching Diode Array
Jul-31-2001
SMBD7000 INFINEON-SMBD7000 Datasheet
444Kb / 4P
   Silicon Switching Diode Array
Mar-10-2004
logo
Siemens Semiconductor G...
SMBD2835 SIEMENS-SMBD2835 Datasheet
100Kb / 4P
   Silicon Switching Diode Array
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
   Silicon Switching Diode Array
Jul-31-2001
logo
Guangdong Kexin Industr...
BAW101 KEXIN-BAW101 Datasheet
38Kb / 2P
   Silicon Switching Diode Array
BAW100 KEXIN-BAW100 Datasheet
39Kb / 2P
   Silicon Switching Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com