Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS3412RUAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3412RUAT
Description  4-Channel High-Performance Differential Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS3412RUAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS3412RUAT Datasheet HTML 3Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 4Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 5Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 6Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 7Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 8Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 9Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 10Page - Texas Instruments HD3SS3412RUAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
m5
freq=
dB(SDD11)=-28.545
329.0kHz
m6
freq=
dB(SDD11)=-13.842
2.514GHz
m7
freq=
dB(SDD11)=-11.177
3.985GHz
-25
-20
-15
-10
-5
0
-30
5
freq, Hz
m5
m6
m7
freq=
dB(SDD11)=-28.545
329.0kHz
freq=
dB(SDD11)=-13.842
2.514GHz
freq=
dB(SDD11)=-11.177
3.985GHz
m1
freq=
dB(SDD21)=-0.491
300.0kHz
m2
freq=
dB(SDD21)=-1.221
2.514GHz
m3
freq=
dB(SDD21)=-1.536
3.985GHz
m4
freq=
dB(SDD21)=-2.998
8.331GHz
-12
-10
-8
-6
-4
-2
-14
0
freq, Hz
m1
m2m3
m4
freq=300.0kHz
m2
freq=
dB(SDD21)=-1.221
2.514GHz
freq=
dB(SDD21)=-1.536
3.985GHz
dB(SDD21)=-2.998
8.331GHz
m1
freq=
dB(SDD21)=-74.449
300.0kHz
m2
freq=
dB(SDD21)=-22.000
2.514GHz
m3
freq=
dB(SDD21)=-18.935
3.985GHz
-80
-60
-40
-20
-100
0
freq, Hz
m1
m2 m3
m1
freq=
dB(SDD21)=-74.449
300.0kHz
m2
freq=
dB(SDD21)=-22.000
2.514GHz
m3
freq=
dB(SDD21)=-18.935
3.985GHz
m1
freq=
dB(SDD21)=-97.081
300.0kHz
m2
freq=
dB(SDD21)=-39.567
2.514GHz
m3
freq=
dB(SDD21)=-34.786
3.985GHz
-100
-80
-60
-40
-120
-20
freq, Hz
m1
m2
m3
m1
freq=
dB(SDD21)=-97.081
300.0kHz
m2
freq=
dB(SDD21)=-39.567
2.514GHz
m3
freq=
dB(SDD21)=-34.786
3.985GHz
Oscilloscope
10Gbps PRBS 2
7-1
Vi=0.8Vpp ; Vcm =0V
3.1 Inches Rogers
Microstrip
A
HD3SS3412
www.ti.com
SLAS828A – FEBRUARY 2012 – REVISED FEBRUARY 2012
TYPICAL PERFORMANCE PLOTS
Figure 4. Differential Insertion Loss
Figure 5. Differential Return Loss
Figure 6. Differential Crosstalk
Figure 7. Differential Off Isolation
SOURCE EYE DIAGRAM
Figure 8. Source Eye Diagram Test Setup
Copyright © 2012–2012 , Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :HD3SS3412


Similar Part No. - HD3SS3412RUAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3412RUAT TI1-HD3SS3412RUAT Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel High-Performance Differential Switch
More results

Similar Description - HD3SS3412RUAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3412A TI1-HD3SS3412A Datasheet
1Mb / 26P
[Old version datasheet]   4-Channel High-Performance Differential Switch
HD3SS3412 TI1-HD3SS3412_16 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel High-Performance Differential Switch
HD3SS3415 TI1-HD3SS3415 Datasheet
821Kb / 16P
[Old version datasheet]   4-Channel High-Performance Differential Switch
logo
Analog Devices
ADAU1962 AD-ADAU1962 Datasheet
690Kb / 48P
   12-Channel, High Performance Differential Output DAC
ADAU1966 AD-ADAU1966_16 Datasheet
2Mb / 52P
   16-Channel High Performance Differential Output DAC
logo
Pericom Semiconductor C...
PI6C49S1504 PERICOM-PI6C49S1504 Datasheet
1Mb / 10P
   High Performance Selectable 1:4 Differential Fanout Buffer
logo
List of Unclassifed Man...
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
logo
New Jersey Semi-Conduct...
2N3728 NJSEMI-2N3728 Datasheet
197Kb / 2P
   NPN HIGH PERFORMANCE DIFFERENTIAL AMPLIFIERS
logo
Pericom Semiconductor C...
PI6C49S1510 PERICOM-PI6C49S1510 Datasheet
3Mb / 16P
   High Performance Differential Fanout Buffer
logo
Microchip Technology
DSC12X2 MICROCHIP-DSC12X2 Datasheet
918Kb / 32P
   High Performance Differential MEMS Oscillators
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com