Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-H3531 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # Q67100-H3531
Description  4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-H3531 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67100-H3531 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-H3531 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-H3531 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-H3531 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-H3531 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-H3531 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-H3531 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-H3531 Datasheet HTML 12Page - Siemens Semiconductor Group Q67100-H3531 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SLx 24C04/P
Semiconductor Group
9
1998-07-27
4
Device Addressing and EEPROM Addressing
After a START condition, the master always transmits a Command Byte CSW or CSR.
After the acknowledge of the EEPROM a Control Byte follows, its content and the
transmitter depend on the previous Command Byte. The description of the Command
and Control Bytes is shown in table 2.
The device has an internal address counter which points to the current EEPROM
address.
The address counter is incremented
– after a data byte to be written has been acknowledged, during entry of further data
byte
– during a byte read, thus the address counter points to the following address after
reading a data byte.
Command Byte
Selects operation: the least significant bit b0 is low for a write
operation (Chip Select Write Command Byte CSW) or set high for a
read operation (Chip Select Read Command Byte CSR).
Contains address information: in the CSW Command Byte, the
bit position b1 is decoded for the uppermost EEPROM address bit
A8 (in the CSR Command Byte, the bit positions b3 to b1 are left
undefined, in the CSW Command Byte, the bit positions b3 and b2
as well).
Control Byte
Following CSW (b0 = 0): contains the eight lower bits of the
EEPROM address (EEA) bit A7 to A0, or an additional command
byte for the handling of the protection bit.
Following CSR (b0 = 1): contains the data read out, transmitted by
the EEPROM. The EEPROM data are read as long as the master
pulls down SDA after each byte in order to acknowledge the
transfer. The read operation is stopped by the master by releasing
SDA (no acknowledge is applied) followed by a STOP condition.
Table 2
Command and Control Byte for I
2C-Bus Addressing of Chip and EEPROM
Definition
Function
b7
b6
b5
b4
b3
b2
b1
b0
CSW
1
01
0x
x
A8
0
Chip Select for Write
CSR
1
0
1
0
x
x
x
1
Chip Select for Read
EEA
A7
A6
A5
A4
A3
A2
A1
A0
EEPROM address


Similar Part No. - Q67100-H3531

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-H3533 SIEMENS-Q67100-H3533 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Q67100-H3534 SIEMENS-Q67100-H3534 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Q67100-H3535 SIEMENS-Q67100-H3535 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Q67100-H3536 SIEMENS-Q67100-H3536 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Q67100-H3537 SIEMENS-Q67100-H3537 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - Q67100-H3531

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
ATMEL Corporation
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com