Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8836DSSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8836DSSR
Description  DUAL LOW VOLTAGE H-BRIDGE IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8836DSSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8836DSSR Datasheet HTML 5Page - Texas Instruments DRV8836DSSR Datasheet HTML 6Page - Texas Instruments DRV8836DSSR Datasheet HTML 7Page - Texas Instruments DRV8836DSSR Datasheet HTML 8Page - Texas Instruments DRV8836DSSR Datasheet HTML 9Page - Texas Instruments DRV8836DSSR Datasheet HTML 10Page - Texas Instruments DRV8836DSSR Datasheet HTML 11Page - Texas Instruments DRV8836DSSR Datasheet HTML 12Page - Texas Instruments DRV8836DSSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DRV8836
www.ti.com
SLVSB17 – MARCH 2012
THERMAL INFORMATION
Thermal Protection
The DRV8836 has thermal shutdown (TSD) as described above. If the die temperature exceeds approximately
150°C, the device will be disabled until the temperature drops to a safe level.
Any tendency of the device to enter thermal shutdown is an indication of either excessive power dissipation,
insufficient heatsinking, or too high an ambient temperature.
Power Dissipation
Power dissipation in the DRV8836 is dominated by the power dissipated in the output FET resistance, or
RDS(ON). Average power dissipation when running both H-bridges can be roughly estimated by:
PTOT = 2 x RDS(ON) x (IOUT(RMS))
2
(1)
Where PTOT is the total power dissipation, RDS(ON) is the resistance of the HS plus LS FETs, and IOUT(RMS) is the
RMS output current being applied to each winding. IOUT(RMS) is equal to the approximately 0.7x the full-scale
output current setting. The factor of 2 comes from the fact that there are two H-bridges.
The maximum amount of power that can be dissipated in the device is dependent on ambient temperature and
heatsinking.
Note that RDS(ON) increases with temperature, so as the device heats, the power dissipation increases. This must
be taken into consideration when sizing the heatsink.
Heatsinking
The PowerPAD™ package uses an exposed pad to remove heat from the device. For proper operation, this pad
must be thermally connected to copper on the PCB to dissipate heat. On a multi-layer PCB with a ground plane,
this can be accomplished by adding a number of vias to connect the thermal pad to the ground plane. On PCBs
without internal planes, copper area can be added on either side of the PCB to dissipate heat. If the copper area
is on the opposite side of the PCB from the device, thermal vias are used to transfer the heat between top and
bottom layers.
For details about how to design the PCB, refer to TI application report SLMA002, " PowerPAD™ Thermally
Enhanced Package" and TI application brief SLMA004, " PowerPAD™ Made Easy", available at www.ti.com.
In general, the more copper area that can be provided, the more power can be dissipated.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DRV8836


Similar Part No. - DRV8836DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8836DSSR TI1-DRV8836DSSR Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
More results

Similar Description - DRV8836DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8835 TI-DRV8835_15 Datasheet
850Kb / 19P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI1-DRV8835_16 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836_15 Datasheet
846Kb / 18P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8839 TI1-DRV8839_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage Dual H-Bridge Driver IC
DRV8837EVM TI-DRV8837EVM Datasheet
781Kb / 14P
[Old version datasheet]   LOW-VOLTAGE H-BRIDGE IC
DRV8839 TI-DRV8839_15 Datasheet
828Kb / 19P
[Old version datasheet]   LOW VOLTAGE DUAL 쩍-H-BRIDGE DRIVER IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com