Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8836 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8836
Description  DUAL LOW VOLTAGE H-BRIDGE IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8836 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8836 Datasheet HTML 3Page - Texas Instruments DRV8836 Datasheet HTML 4Page - Texas Instruments DRV8836 Datasheet HTML 5Page - Texas Instruments DRV8836 Datasheet HTML 6Page - Texas Instruments DRV8836 Datasheet HTML 7Page - Texas Instruments DRV8836 Datasheet HTML 8Page - Texas Instruments DRV8836 Datasheet HTML 9Page - Texas Instruments DRV8836 Datasheet HTML 10Page - Texas Instruments DRV8836 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DRV8836
www.ti.com
SLVSB17 – MARCH 2012
FUNCTIONAL DESCRIPTION
Bridge Control
Two control modes are available in the DRV8836: IN/IN mode, and PHASE/ENABLE mode. IN/IN mode is
selected if the MODE pin is driven low or left unconnected; PHASE/ENABLE mode is selected if the MODE pin is
driven to logic high. The following tables show the logic for these modes.
Table 2. IN/IN MODE
FUNCTION
MODE
xIN1
xIN2
xOUT1
xOUT2
(DC MOTOR)
0
0
0
Z
Z
Coast
0
0
1
L
H
Reverse
0
1
0
H
L
Forward
0
1
1
L
L
Brake
Table 3. PHASE/ENABLE MODE
FUNCTION
MODE
xENABLE
xPHASE
xOUT1
xOUT2
(DC MOTOR)
1
0
X
L
L
Brake
1
1
1
L
H
Reverse
1
1
0
H
L
Forward
Sleep Mode
If the nSLEEP pin is brought to a logic-low state, the DRV8836 will enter a low-power sleep mode. In this state
all unnecessary internal circuitry is powered down.
Power Supplies and Input Pins
There is a weak pulldown resistor (approximately 100 k
Ω) to ground on the input pins.
Protection Circuits
The DRV8836 is fully protected against undervoltage, overcurrent and overtemperature events.
Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive. If this
analog current limit persists for longer than the OCP time, all FETs in the H-bridge will be disabled. After
approximately 1 ms, the bridge will be re-enabled automatically.
Overcurrent conditions on both high and low side devices; i.e., a short to ground, supply, or across the motor
winding will all result in an overcurrent shutdown.
Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all FETs in the H-bridge will be disabled. Once the die temperature
has fallen to a safe level operation will automatically resume.
Undervoltage Lockout (UVLO)
If at any time the voltage on the VCC pins falls below the undervoltage lockout threshold voltage, all circuitry in
the device will be disabled, and internal logic will be reset. Operation will resume when VCC rises above the
UVLO threshold.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV8836


Similar Part No. - DRV8836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8836DSSR TI1-DRV8836DSSR Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8836 TI-DRV8836_15 Datasheet
846Kb / 18P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
More results

Similar Description - DRV8836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8835 TI-DRV8835_15 Datasheet
850Kb / 19P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI1-DRV8835_16 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836_15 Datasheet
846Kb / 18P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8839 TI1-DRV8839_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage Dual H-Bridge Driver IC
DRV8837EVM TI-DRV8837EVM Datasheet
781Kb / 14P
[Old version datasheet]   LOW-VOLTAGE H-BRIDGE IC
DRV8839 TI-DRV8839_15 Datasheet
828Kb / 19P
[Old version datasheet]   LOW VOLTAGE DUAL 쩍-H-BRIDGE DRIVER IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
[Old version datasheet]   LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com