Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24168YFFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168YFFT
Description  2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24168YFFT Datasheet(HTML) 2 Page - Texas Instruments

  BQ24168YFFT Datasheet HTML 1Page - Texas Instruments BQ24168YFFT Datasheet HTML 2Page - Texas Instruments BQ24168YFFT Datasheet HTML 3Page - Texas Instruments BQ24168YFFT Datasheet HTML 4Page - Texas Instruments BQ24168YFFT Datasheet HTML 5Page - Texas Instruments BQ24168YFFT Datasheet HTML 6Page - Texas Instruments BQ24168YFFT Datasheet HTML 7Page - Texas Instruments BQ24168YFFT Datasheet HTML 8Page - Texas Instruments BQ24168YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
bq24160, bq24161
bq24163, bq24168
SLUSAO0A – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The power path management feature allows the bq2416x to power the system from a high-efficiency DC-to-DC
converter while simultaneously and independently charging the battery. The charger monitors the battery current
at all times and reduces the charge current when the system load requires current above the input current limit.
This allows for proper charge termination and timer operation. Under normal battery charging conditions, the
system voltage is approximately equal to the battery voltage, however if the battery is deeply discharged, the
system voltage does not drop below 3.5V. This minimum system voltage support enables the system to run with
a defective or absent battery pack and enables instant system turn-on even with a totally discharged battery or
no battery. The power-path management architecture also permits the battery to supplement the system current
requirements when the adapter cannot deliver the peak system currents. This enables the use of a smaller
adapter. The 2.5A input current capability allows for GSM phone calls as soon as the adapter is plugged in
regardless of the battery voltage. The charge parameters are programmable using the I2C interface.
The battery is charged in three phases: precharge, fast-charge constant current and constant voltage. In all
charge phases, an internal control loop monitors the IC junction temperature and reduces the charge current if
the internal temperature threshold is exceeded. Additionally, a voltage-based battery pack thermistor monitoring
input (TS) is included that monitors battery temperature for safe charging. The TS function for bq24160, bq24163
and bq24168 is JEITA compatible.
2
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - BQ24168YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168YFFT TI1-BQ24168YFFT Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24168YFFT TI-BQ24168YFFT Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com