Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24163YFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24163YFFR
Description  2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24163YFFR Datasheet(HTML) 3 Page - Texas Instruments

  BQ24163YFFR Datasheet HTML 1Page - Texas Instruments BQ24163YFFR Datasheet HTML 2Page - Texas Instruments BQ24163YFFR Datasheet HTML 3Page - Texas Instruments BQ24163YFFR Datasheet HTML 4Page - Texas Instruments BQ24163YFFR Datasheet HTML 5Page - Texas Instruments BQ24163YFFR Datasheet HTML 6Page - Texas Instruments BQ24163YFFR Datasheet HTML 7Page - Texas Instruments BQ24163YFFR Datasheet HTML 8Page - Texas Instruments BQ24163YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
bq24160, bq24161
bq24163, bq24168
www.ti.com
SLUSAO0A – NOVEMBER 2011 – REVISED MARCH 2012
ORDERING INFORMATION
TIMERS
NTC
USB
USB
VBATSHRT/
PART NUMBER
IN OVP
VMINSYS
PKG
(Safety and
OVP
DETECTION
IBATSHRT
MONITORING
Watchdog)
3.0V
bq24160YFFR
6.5V
10.5V
D+/D–
Yes
JEITA
3.5V
WCSP
50mA
3.0V
bq24160YFFT
6.5V
10.5V
D+/D–
Yes
JEITA
3.5V
WCSP
50mA
3.0V
bq24160RGER
6.5V
10.5V
D+/D–
Yes
JEITA
3.5V
QFN
50mA
3.0V
bq24160RGET
6.5V
10.5V
D+/D–
Yes
JEITA
3.5V
QFN
50mA
2.0V
bq24161YFFR
6.5V
10.5V
PSEL
Yes
Standard
3.5V
WCSP
50mA
2.0V
bq24161YFFT
6.5V
10.5V
PSEL
Yes
Standard
3.5V
WCSP
50mA
2.0V
bq24161RGER
6.5V
10.5V
PSEL
Yes
Standard
3.5V
QFN
50mA
2.0V
bq24161RGET
6.5V
10.5V
PSEL
Yes
Standard
3.5V
QFN
50mA
2.0V
bq24163RGER
6.5V
10.5V
D+/D–
Yes
JEITA
3.2V
WCSP
50mA
2.0V
bq24163YFFT
6.5V
10.5V
D+/D–
Yes
JEITA
3.2V
WCSP
50mA
2.0V
bq24163YFFR
6.5V
10.5V
D+/D–
Yes
JEITA
3.2V
QFN
50mA
2.0V
bq24163RGET
6.5V
10.5V
D+/D–
Yes
JEITA
3.2V
QFN
50mA
2.0V
bq24168YFFR
6.5V
6.5V
PSEL
No
JEITA
3.5V
WCSP
50mA
2.0V
bq24168YFFT
6.5V
6.5V
PSEL
No
JEITA
3.5V
WCSP
50mA
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24160 bq24161 bq24163 bq24168


Similar Part No. - BQ24163YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24163YFFR TI1-BQ24163YFFR Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24163YFFR TI-BQ24163YFFR Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24163YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com