Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

312-00012 Datasheet(PDF) 11 Page - Texas Instruments

Part # 312-00012
Description  INTEGRATED WIRELESS POWER SUPPLY RECEIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

312-00012 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 312-00012 Datasheet HTML 7Page - Texas Instruments 312-00012 Datasheet HTML 8Page - Texas Instruments 312-00012 Datasheet HTML 9Page - Texas Instruments 312-00012 Datasheet HTML 10Page - Texas Instruments 312-00012 Datasheet HTML 11Page - Texas Instruments 312-00012 Datasheet HTML 12Page - Texas Instruments 312-00012 Datasheet HTML 13Page - Texas Instruments 312-00012 Datasheet HTML 14Page - Texas Instruments 312-00012 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
60.0
70.0
80.0
90.0
100.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Output Power (W)
Full Sync Mode Enabled
70.0
80.0
90.0
100.0
1.0
2.0
3.0
4.0
5.0
Output Power (W)
bq51013A
bq51014
www.ti.com
SLUSAY6A – MARCH 2012 – REVISED JUNE 2012
PIN FUNCTIONS (continued)
NAME
YFP
RHL
I/O
DESCRIPTION
Programming pin for the over current limit. Connect external resistor to VSS. Size RILIM with
the following equation: RILIM = 250 / IMAX where IMAX is the expected maximum output current
of the wireless power supply. The hardware current limit (IILIM) will be 20% greater than IMAX
ILIM
G1
12
I/O
or 1.2 x 1MAX. If the supply is meant to operate in current limit use
RILIM = 300 / IILIM
RILIM = R1 + 140
Connect this pin to the wired adapter input. When a voltage is applied to this pin wireless
charging is disabled and AD_EN is driven low. Connect to GND through a 1 µF capacitor. If
AD
G4
9
I
unused, capacitor is not required and should be grounded directly. For the bq51014, there is
an OVP protection of 12.5 V. If the AD voltage is greater than 12.5 V, wireless charging will
remain active.
Push-pull driver for external PFET connecting AD and OUT. This node is pulled to the higher
of OUT and AD when turning off the external FET. This voltage tracks approximately 4 V below
AD-EN
F3
8
O
AD when voltage is present at AD and provides a regulated VSG bias for the external FET.
Float this pin if unused.
Must be connected to ground via a resistor. If an NTC function is not desired connect to GND
with a 10 k
Ω resistor. As a CTRL pin pull to ground to send end power transfer (EPT) fault to
TS-CTRL
F1
13
I
the transmitter or pull-up to an internal rail (i.e. 1.8 V) to send EPT termination to the
transmitter. Note that a 3-state driver should be used to interface this pin (see the 3-state
Driver section for further description)
EN1
G3
10
I
Inputs that allow user to enable/disable wireless and wired charging <EN1 EN2>:
<00> wireless charging is enabled unless AD voltage > 3.6 V
<01> Dynamic communication current limit disabled
EN2
G2
11
I
<10> AD-EN pulled low, wireless charging disabled
<11> wired and wireless charging disabled.
Input that allows allows the upper termination threshold (ITERM-HI) to be programmable. KTERM =
200
Ω/%. Set the termination threshold by applying the following equation RTERM = %IMAX x
TERM
G3
10
I
KTERM where %IMAX is the desired percentage of the maximum output current when
termination should occur (i.e. 10% of 1 A = 0.1 mA)
FOD
F2
14
O
Input for the rectified power measurement. Connect to GND with a 140
Ω resistor
Open-drain output – active when output current is being delivered to the load (i.e. when the
CHG
F4
7
O
output of the supply is enabled).
Spacer
TYPICAL CHARACTERISTICS
Figure 4. Rectifier Efficiency
Figure 5. IC Efficiency from AC Input to DC Output
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq51013A bq51014


Similar Part No. - 312-00012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
312-010-6040G ETC2-312-010-6040G Datasheet
5Mb / 93P
   Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
logo
Winchester Electronics ...
312-010-6040G WINCHESTER-312-010-6040G Datasheet
49Kb / 1P
   31 SERIES RIGHT ANGLE PLUS
logo
List of Unclassifed Man...
312-010-6140G ETC2-312-010-6140G Datasheet
5Mb / 93P
   Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
logo
Winchester Electronics ...
312-010-6143G WINCHESTER-312-010-6143G Datasheet
76Kb / 1P
   31 SERIES RIGHT ANGLE 3 LEG PC MOUNT PLUG
312-010-6143G WINCHESTER-312-010-6143G Datasheet
76Kb / 1P
   31 SERIES RIGHT ANGLE 3 LEG PC MOUNT PLUG
More results

Similar Description - 312-00012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51010 TI-BQ51010 Datasheet
2Mb / 30P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
   Wireless Power Receiver
logo
Texas Instruments
BQ51013B-Q1 TI-BQ51013B-Q1 Datasheet
5Mb / 49P
[Old version datasheet]   BQ51013B-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
SLUSEE3 ??JULY 2021
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
   Wireless Power Receiver
July 2021 Rev. 0.0.7
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
   Wireless Power Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com