Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD16342Q5A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16342Q5A
Description  N-Channel NexFET??Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD16342Q5A Datasheet(HTML) 4 Page - Texas Instruments

  CSD16342Q5A Datasheet HTML 1Page - Texas Instruments CSD16342Q5A Datasheet HTML 2Page - Texas Instruments CSD16342Q5A Datasheet HTML 3Page - Texas Instruments CSD16342Q5A Datasheet HTML 4Page - Texas Instruments CSD16342Q5A Datasheet HTML 5Page - Texas Instruments CSD16342Q5A Datasheet HTML 6Page - Texas Instruments CSD16342Q5A Datasheet HTML 7Page - Texas Instruments CSD16342Q5A Datasheet HTML 8Page - Texas Instruments CSD16342Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0
10
20
30
40
50
60
0
0.5
1
1.5
2
VDS - Drain-to-Source Voltage - V
VGS =8.0V
VGS =4.5V
VGS =3.5V
VGS =2.5V
VGS =2.0V
G001
0
10
20
30
40
50
60
70
80
1
1.2
1.4
1.6
1.8
2
2.2
2.4
VGS - Gate-to-Source Voltage - V
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
Qg - Gate Charge - nC (nC)
ID =20A
VDD = 12.5V
G001
0.5
1.0
1.5
2.0
0
5
10
15
20
25
VDS - Drain-to-Source Voltage - V
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
0.3
0.6
0.9
1.2
1.5
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 20A
G001
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage - V
TC = 25°C
TC = 125ºC
ID = 20A
G001
CSD16342Q5A
SLPS369A – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On Resistance vs. Gate Voltage
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CSD16342Q5A


Similar Part No. - CSD16342Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16340Q3 TI-CSD16340Q3 Datasheet
241Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16340Q3 TI1-CSD16340Q3 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
CSD16340Q3T TI1-CSD16340Q3T Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_16 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
More results

Similar Description - CSD16342Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com