Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ294602 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ294602
Description  Single-Cell Protector for Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294602 Datasheet(HTML) 3 Page - Texas Instruments

  BQ294602 Datasheet HTML 1Page - Texas Instruments BQ294602 Datasheet HTML 2Page - Texas Instruments BQ294602 Datasheet HTML 3Page - Texas Instruments BQ294602 Datasheet HTML 4Page - Texas Instruments BQ294602 Datasheet HTML 5Page - Texas Instruments BQ294602 Datasheet HTML 6Page - Texas Instruments BQ294602 Datasheet HTML 7Page - Texas Instruments BQ294602 Datasheet HTML 8Page - Texas Instruments BQ294602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VOV
V
OV
V
HYS
OUT (V)
t
DELAY
bq294602, bq294604
www.ti.com
SLUSAS0B – DECEMBER 2011 – REVISED MARCH 2012
PIN FUNCTIONS
bq2946xy
Pin Name
Type I/O
Description
1
NC
No Connection
2
V1
IA
Sense input for positive voltage of the cell
Electrically connected to IC ground and negative terminal of the
3
VSS
P
cell
Electrically connected to IC ground and negative terminal of the
4
VSS
P
cell
5
VDD
P
Power supply
6
OUT
OA
Output drive for external N-Channel FET
VSS pin to be connected to the PWRPAD on the printed circuit
Thermal Pad
PWRPAD
board for proper operation
PIN DETAILS
Description
The method of overvoltage detection is comparing the cell voltage to an overvoltage protection threshold voltage
VOV. Once the cell voltage exceeds the programmed fixed value VOV, the delay timer circuit is activated. This
delay (tDELAY) is fixed for 4 s for the bq294602 device. When these conditions are satisfied, the OUT terminal is
transitioned to a high level. This output (OUT) is released to a low condition if the cell input (V1) is below the
OVP threshold minus the VHYS.
Figure 1. Timing for Overvoltage Sensing
Sense Positive Input for V1
This is an input to sense single battery cell voltage. A series resistor and a capacitor across the cell is required
for noise filtering and stable voltage monitoring.
Output Drive, OUT
The gate of an external N-Channel MOSFET is connected to this terminal. This output transitions to a high level
when an overvoltage condition is detected and after the programmed delay timer. The out will reset to a low level
if the cell voltage falls below the VOV threshold before the fixed delay timer expires.
Supply Input, VDD
This terminal is the unregulated input power source for the IC. A series resistor is connected to limit the current,
and a capacitor is connected to ground for noise filtering.
Thermal Pad, PWRPAD
For correct operation, the power pad (PWRPAD) is connected to the VSS terminal on the printed circuit board.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq294602 bq294604


Similar Part No. - BQ294602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
bq294602 TI1-bq294602 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602DRVR TI1-BQ294602DRVR Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602DRVR TI1-BQ294602DRVR Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602DRVT TI1-BQ294602DRVT Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results

Similar Description - BQ294602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com