Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ294504 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294504
Description  Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294504 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ294504 Datasheet HTML 5Page - Texas Instruments BQ294504 Datasheet HTML 6Page - Texas Instruments BQ294504 Datasheet HTML 7Page - Texas Instruments BQ294504 Datasheet HTML 8Page - Texas Instruments BQ294504 Datasheet HTML 9Page - Texas Instruments BQ294504 Datasheet HTML 10Page - Texas Instruments BQ294504 Datasheet HTML 11Page - Texas Instruments BQ294504 Datasheet HTML 12Page - Texas Instruments BQ294504 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OUT
VDD
VSS
1
3
2
6
4
5
.6
3
V
I
IN
I
IN
I
IN
I
CC
bq2945xy
V3
V1
V2
PWRPAD
3
V
.6
3
V
3
V
.6
3
V
3
V
VOV
VOV–VHYS
OUT (V)
tDELAY > 10 ms
10 V
bq294502, bq294504, bq294512, bq294515
bq294522, bq294524, bq294532, bq294562
bq294572, bq294582, bq294592
www.ti.com
SLUSAJ3C – SEPTEMBER 2011 – REVISED MAY 2012
Figure 10 shows the timing for the Customer Test Mode.
Figure 10. Timing for Customer Test Mode
Figure 11 shows the measurement for current consumption for the product for both VDD and Vx.
Figure 11. Configuration for IC Current Consumption Test
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq294502 bq294504 bq294512 bq294515 bq294522 bq294524 bq294532 bq294562
bq294572 bq294582 bq294592


Similar Part No. - BQ294504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294504 TI1-BQ294504 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294504 TI-BQ294504 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294504 TI-BQ294504 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294504DRVR TI1-BQ294504DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294504DRVR TI-BQ294504DRVR Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
More results

Similar Description - BQ294504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com