Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24158YFFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24158YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24158YFFR Datasheet(HTML) 4 Page - Texas Instruments

  BQ24158YFFR Datasheet HTML 1Page - Texas Instruments BQ24158YFFR Datasheet HTML 2Page - Texas Instruments BQ24158YFFR Datasheet HTML 3Page - Texas Instruments BQ24158YFFR Datasheet HTML 4Page - Texas Instruments BQ24158YFFR Datasheet HTML 5Page - Texas Instruments BQ24158YFFR Datasheet HTML 6Page - Texas Instruments BQ24158YFFR Datasheet HTML 7Page - Texas Instruments BQ24158YFFR Datasheet HTML 8Page - Texas Instruments BQ24158YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
bq24153A, bq24156A
bq24158, bq24159
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
www.ti.com
ORDERING INFORMATION (1)
PART NUMBER
MARKING
MEDIUM
QUANTITY
bq24153AYFFR
bq24153A
Tape and Reel
3000
bq24153AYFFT
bq24153A
Tape and Reel
250
bq24156AYFFR
bq24156A
Tape and Reel
3000
bq24156AYFFT
bq24156A
Tape and Reel
250
bq24158YFFR
bq24158
Tape and Reel
3000
bq24158YFFT
bq24158
Tape and Reel
250
bq24159YFFR
bq24159
Tape and Reel
3000
bq24159YFFT
bq24159
Tape and Reel
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
bq24153A/6A/8/9
UNIT
Supply voltage range (with respect to PGND(3))
VBUS; VPMID ≥ VBUS –0.3 V
–2 to 20
V
SCL, SDA, OTG, SLRST, CSIN, CSOUT,
Input voltage range (with respect to PGND(3))
–0.3 to 7
V
CD
PMID, STAT
–0.3 to 20
V
Output voltage range (with respect to PGND(3))
VREF
7
V
SW, BOOT
–0.7 to 20
V
Voltage difference between CSIN and CSOUT inputs (V(CSIN) – V(CSOUT) )
±7
V
Voltage difference between BOOT and SW inputs (V(BOOT) – V(SW) )
-0.3 to 7
V
Voltage difference between VBUS and PMID inputs (V(VBUS) – V(PMID) )
-7 to 0.7
V
Voltage difference between PMID and SW inputs (V(PMID) – V(SW) )
-0.7 to 20
V
Output sink
STAT
10
mA
Output Current (average)
SW
1.55(2)
A
TA
Operating free-air temperature range
–30 to 85
°C
TJ
Junction temperature
–40 to 125
°C
Tstg
Storage temperature
–45 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
(2)
Duty cycle for output current should be less than 50% for 10- year life time when output current is above 1.25A.
(3)
All voltages are with respect to PGND if not specified. Currents are positive into, negative out of the specified terminal, if not specified.
Consult Packaging Section of the data sheet for thermal limitations and considerations of packages.
THERMAL INFORMATION
YFF
THERMAL METRIC(1)
UNITS
20 PINS
θJA
Junction-to-ambient thermal resistance
85
θJCtop
Junction-to-case (top) thermal resistance
25
θJB
Junction-to-board thermal resistance
55
°C/W
ψJT
Junction-to-top characterization parameter
4
ψJB
Junction-to-board characterization parameter
50
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159


Similar Part No. - BQ24158YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24158YFFR TI-bq24158YFFR Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24158YFFR TI1-BQ24158YFFR Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24158YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Texas Instruments
BQ24180 TI-BQ24180 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com