Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24270YFFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24270YFFT
Description  1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24270YFFT Datasheet(HTML) 2 Page - Texas Instruments

  BQ24270YFFT Datasheet HTML 1Page - Texas Instruments BQ24270YFFT Datasheet HTML 2Page - Texas Instruments BQ24270YFFT Datasheet HTML 3Page - Texas Instruments BQ24270YFFT Datasheet HTML 4Page - Texas Instruments BQ24270YFFT Datasheet HTML 5Page - Texas Instruments BQ24270YFFT Datasheet HTML 6Page - Texas Instruments BQ24270YFFT Datasheet HTML 7Page - Texas Instruments BQ24270YFFT Datasheet HTML 8Page - Texas Instruments BQ24270YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
bq24270
bq24271
SLUSB10 – JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The power path management feature allows the bq24270 and bq24271 to power the system from a high
efficiency DC to DC converter while simultaneously and independently charging the battery. The charger
monitors the battery current at all times and reduces the charge current when the system load requires current
above the input current limit. This allows for proper charge termination and timer operation. The system voltage
is regulated to the battery voltage but will not drop below 3.5 V. This minimum system voltage support enables
the system to run with a defective or absent battery pack and enables instant system turn-on even with a totally
discharged battery or no battery. The power-path management architecture also permits the battery to
supplement the system current requirements when the adapter cannot deliver the peak system currents. This
enables the use of a smaller adapter. The charge parameters are programmable using the I2C interface
The battery is charged in three phases: precharge, fast charge constant current and constant voltage. In all
charge phases, an internal control loop monitors the IC junction temperature and reduces the charge current if
the internal temperature threshold is exceeded. Additionally, a voltage-based battery pack thermistor monitoring
input (TS) is included that monitors battery temperature for safe charging The TS function for bq24270 and
bq24271 are JEITA compatible.
ORDERING INFORMATION
PART
Safety and WD
VBATSHRT or
USB OVP
CE bit Default
USB Detection
NTC Monitoring
Package
NUMBER(1) (2)
Timers
IBATSHRT
0 (Charge
3 V
bq24270YFFR
6.5 V
D+, D-
Yes
JEITA
WCSP
Enabled)
50 mA
0 (Charge
3 V
bq24270YFFT
6.5 V
D+, D-
Yes
JEITA
WCSP
Enabled)
50 mA
0 (Charge
3 V
bq24270RGER
6.5 V
D+, D-
Yes
JEITA
RGE
Enabled)
50 mA
0 (Charge
3 V
bq24270RGET
6.5 V
D+, D-
Yes
JEITA
RGE
Enabled)
50 mA
0 (Charge
3 V
bq24271YFFR
6.5 V
PSEL
Yes
JEITA
WCSP
Enabled)
50 mA
0 (Charge
3 V
bq24271YFFT
6.5 V
PSEL
Yes
JEITA
WCSP
Enabled)
50 mA
0 (Charge
3 V
bq24271RGER
6.5 V
PSEL
Yes
JEITA
RGE
Enabled)
50 mA
0 (Charge
3 V
bq24271RGET
6.5 V
PSEL
Yes
JEITA
RGE
Enabled)
50 mA
(1)
The YFF and RGE packages are available in the following options:
R - taped and reeled in quantities of 3,000 devices per reel.
T - taped and reeled in quantities of 250 devices per reel
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): bq24270 bq24271


Similar Part No. - BQ24270YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
bq24272RGER TI1-bq24272RGER Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
bq24272RGET TI1-bq24272RGET Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
bq24272YFFR TI1-bq24272YFFR Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
bq24272YFFT TI1-bq24272YFFT Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
More results

Similar Description - BQ24270YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
Texas Instruments
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com