Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24165 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24165
Description  2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24165 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24165 Datasheet HTML 1Page - Texas Instruments BQ24165 Datasheet HTML 2Page - Texas Instruments BQ24165 Datasheet HTML 3Page - Texas Instruments BQ24165 Datasheet HTML 4Page - Texas Instruments BQ24165 Datasheet HTML 5Page - Texas Instruments BQ24165 Datasheet HTML 6Page - Texas Instruments BQ24165 Datasheet HTML 7Page - Texas Instruments BQ24165 Datasheet HTML 8Page - Texas Instruments BQ24165 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ILIM
ILIM
K
I
=
R
INL IM
bq24165
bq24166
bq24167
www.ti.com
SLUSAP4A – DECEMBER 2011 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 1, VSUPPLY = VUSB or VIN (whichever is supplying the IC), VUVLO < VSUPPLY < VOVP and VSUPPLY > VBAT+VSLP,
mm TJ = 0°C–125°C and TJ = 25ºC for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Maximum input current limit programmable
IINLIM
1000
2500
mA
range for IN input
KILIM
Maximum input current factor for IN input
238
251
264
A
Ω
VIN_DPM threshold programmable range for
VIN_DPM_IN
4.2
10
V
IN Input
VDPM threshold
1.18
1.2
1.22
V
USB100, USB150
4.175
4.28
4.36
VIN_DPM_USB
VIN_DPM threshold for USB Input
V
USB500, USB800, USB900, 1.5A current limit selected
4.35
4.44
4.52
VDRV
Internal bias regulator voltage
5
5.2
5.45
V
IDRV
DRV Output current
10
mA
DRV Dropout voltage
VDO_DRV
ISUPPLY = 1 A, VSUPPLY = 5 V, IDRV = 10 mA
450
mV
(VSUPPLY – VDRV)
VUVLO
Under-voltage lockout threshold voltage
VIN or VUSB rising, 150mV Hysteresis
3.6
3.8
4.0
V
Sleep-mode entry threshold, VSUPPLY-
VSLP
2.0 V
≤ VBAT ≤ VOREG, VIN falling
0
40
100
mV
VBAT
VSLP_EXIT
Sleep-mode exit hysteresis
2.0 V
≤ VBAT ≤ VOREG
40
100
175
mV
Deglitch time for supply rising above
Rising voltage, 2-mV over drive, tRISE = 100 ns
30
ms
VSLP+VSLP_EXIT
USB, VUSB Rising
6.3
6.5
6.7
VOVP
Input supply OVP threshold voltage
V
IN, VIN Rising
10.3
10.5
10.7
VOVP(HYS)
VOVP hysteresis
Supply falling from VOVP
100
mV
1.025 ×
1.05 ×
1.075 ×
VBOVP
Battery OVP threshold voltage
VBAT threshold over VOREG to turn off charger during charge
V
VBATREG
VBATREG
VBATREG
VBATUVLO
Battery UVLO threshold voltage
2.5
V
ILIMIT
Cycle by Cycle current limit
4.1
4.9
5.6
A
TSHUTDWN
Thermal shutdown
10C Hysteresis
165
C
TREG
Thermal regulation threshold
120
C
Safety Timer
324
360
396
min
IUSB_, CE_, PG, CHG
VIH
Input high threshold
1.3
V
VIL
Input low threshold
0.4
V
IIH
High-level leakage current
VCHG = VPG = 5V
1
µA
VOL
Low-level output saturation voltage
IO = 10 mA, sink current
0.4
V
PWM CONVERTER
IIN_LIMIT = 500 mA, Measured from VUSB to PMIDU
95
175
Internal top reverse blocking MOSFET on-
m
Ω
resistance
IIN_LIMIT = 500 mA, Measured from VIN to PMIDI
45
80
Measured from PMIDU to SW
100
175
Internal top N-channel Switching MOSFET
m
Ω
on-resistance
Measured from PMIDI to SW
65
110
Internal bottom N-channel MOSFET on-
Measured from SW to PGND
65
115
resistance
fOSC
Oscillator frequency
1.35
1.50
1.65
MHz
DMAX
Maximum duty cycle
95%
DMIN
Minimum duty cycle
0
BATTERY-PACK NTC MONITOR (bq24166, bq24167)
VHOT
High temperature threshold
VTS falling
29.7
30
30.5
%VDRV
VHYS(HOT)
Hysteresis on high threshold
VTS rising
1
VWARM
Warm temperature threshold
VTS falling, bq24167 only
37.9
38.3
39.6
%VDRV
VHYS(WARM)
Hysteresis on high threshold
VTS rising, bq24167 only
1
VCOOL
Cool temperature threshold
VTS rising, bq24167 only
56.0
56.5
56.9
%VDRV
VHYS(COOL)
Hysteresis on low threshold
VTS falling, bq24167 only
1
VCOLD
Low temperature threshold
VTS rising
59.5
60
60.4
%VDRV
VHYS(COLD)
Hysteresis on low threshold
VTS falling
1
TSOFF
TS Disable threshold
VTS rising, 2%VDRV Hysteresis
70
73
%VDRV
tDGL(TS)
Deglitch time on TS change
50
ms
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24165 bq24166 bq24167


Similar Part No. - BQ24165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24165 TI1-BQ24165 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
More results

Similar Description - BQ24165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com