Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24158 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24158
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24158 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24158 Datasheet HTML 6Page - Texas Instruments BQ24158 Datasheet HTML 7Page - Texas Instruments BQ24158 Datasheet HTML 8Page - Texas Instruments BQ24158 Datasheet HTML 9Page - Texas Instruments BQ24158 Datasheet HTML 10Page - Texas Instruments BQ24158 Datasheet HTML 11Page - Texas Instruments BQ24158 Datasheet HTML 12Page - Texas Instruments BQ24158 Datasheet HTML 13Page - Texas Instruments BQ24158 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
VBUS
2V/div
VSW
2V/div
I
20mA/div
BUS
10mS/div
500mS/div
VSW
5V/div
I
200mA/div
BAT
VBUS
1V/div
IBUS
0.2 A/div
0.5mS/div
I
0.1 A/div
BAT
OTG
2V/div
WriteCommand
15MinuteMode
32SMode
1S/div
VBUS
10mV/div,
5.05VOffset
IL
100mA/div
100nS/div
VBAT
10mV/div,
3.5VOffset
VSW
2V/div
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
0
0.1
0.2 0.3
0.4 0.5
0.6 0.7
0.8 0.9
1
1.1
1.2 1.3
1.4 1.5
ChargeCurrent- A
Vbat=3.6V
Vbat=4.2V
Vbat=3V
bq24153A, bq24156A
bq24158, bq24159
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
POOR SOURCE DETECTION
CHARGE CURRENT RAMP UP
Figure 10. VBUS = 5 V at 8 mA, VBAT = 3.2V,
Figure 11. Vin = 5 V, VBAT = 3. 2V, No Input Current Limit,
ICHG = 1550mA
Iin_limit = 100 mA, ICHG = 550 mA
INPUT CURRENT CONTROL (bq24153A/8)
VIN BASED DPM
Figure 12. VBUS = 5 V, VBAT = 3.1V, Iin_limit = 100/500 mA,
Figure 13. VBUS = 5 V at 500 mA, VBAT = 3.5V,
(OTG Control, 15 Minute Mode), Iin_limit = 100 mA
ICHG = 1550 mA,
VIN_DPM = 4.52 V
(I2C Control, 32 Second Mode)
CHARGER EFFICIENCY
BOOST WAVEFORM (PWM MODE)
Figure 14.
Figure 15. VBUS = 5.05 V, VBAT = 3.5V, IBUS = 217 mA
10
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159


Similar Part No. - BQ24158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24158 TI-bq24158 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24158 TI-BQ24158 Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24158 TI1-BQ24158 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24158 TI1-BQ24158 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24158 TI1-BQ24158 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Texas Instruments
BQ24180 TI-BQ24180 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com