Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8028IRTJT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8028IRTJT
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8028IRTJT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8028IRTJT Datasheet HTML 4Page - Texas Instruments ADS8028IRTJT Datasheet HTML 5Page - Texas Instruments ADS8028IRTJT Datasheet HTML 6Page - Texas Instruments ADS8028IRTJT Datasheet HTML 7Page - Texas Instruments ADS8028IRTJT Datasheet HTML 8Page - Texas Instruments ADS8028IRTJT Datasheet HTML 9Page - Texas Instruments ADS8028IRTJT Datasheet HTML 10Page - Texas Instruments ADS8028IRTJT Datasheet HTML 11Page - Texas Instruments ADS8028IRTJT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Input Frequency (kHz)
fSAMPLE = 1.176 MHz
fIN = 41.68 kHz
fSCLK = 20 MHz
SNR = 72.7 dB
THD = −93.6 dB
G000
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
1
1.5
2
2.5
3
3.5
4
4.5
5
Maximum INL
Minimum INL
Reference Voltage (V)
AVDD = 5 V
DVDD = 5 V
External Reference Mode
G001
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
ADC Output Code (LSB)
G002
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
1
1.5
2
2.5
3
3.5
4
4.5
5
Maximum DNL
Minimum DNL
Reference Voltage (V)
AVDD = 5 V
DVDD = 5 V
External Reference Mode
G003
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
ADC Output Code (LSB)
G004
8
9
10
11
12
1
2
3
4
5
Reference Voltage (V)
AVDD = 5 V
DVDD = 5 V
External Reference Mode
G006
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS
All plots at TA = +25°C, AVDD = 3.0 V, DVDD = 3.0 V,
fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V internal, unless otherwise noted.
TYPICAL FFT
INL vs VREF
Figure 2.
Figure 3.
TYPICAL ADC INL
DNL vs VREF
Figure 4.
Figure 5.
TYPICAL ADC DNL
ENOB vs VREF
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028


Similar Part No. - ADS8028IRTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8028 TI1-ADS8028 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
More results

Similar Description - ADS8028IRTJT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com