Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4125 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4125
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4125 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS4125 Datasheet HTML 2Page - Texas Instruments ADS4125 Datasheet HTML 3Page - Texas Instruments ADS4125 Datasheet HTML 4Page - Texas Instruments ADS4125 Datasheet HTML 5Page - Texas Instruments ADS4125 Datasheet HTML 6Page - Texas Instruments ADS4125 Datasheet HTML 7Page - Texas Instruments ADS4125 Datasheet HTML 8Page - Texas Instruments ADS4125 Datasheet HTML 9Page - Texas Instruments ADS4125 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
ADS4128
SBAS578 – MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25°C, AVDD = 1.8 V, DRVDD = 1.8 V, 50% clock duty cycle, and 0-dB gain, unless otherwise noted.
Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, and
DRVDD = 1.8 V.
ADS4128
PARAMETER
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range
2
VPP
Differential input resistance (at dc); see Figure 41
> 1
M
Ω
Differential input capacitance; see Figure 42
4
pF
Analog input bandwidth
550
MHz
Analog input common-mode current (per input pin)
0.6
µA/MSPS
VCM
Common-mode output voltage
0.95
V
VCM output current capability
4
mA
DC ACCURACY
Offset error
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
mV/°C
Gain error as a result of internal reference inaccuracy
EGREF
–2
2
%FS
alone
EGCHAN
Gain error of channel alone
–0.2
±1
%FS
Temperature coefficient of EGCHAN
0.001
Δ%/°C
POWER SUPPLY
IAVDD
Analog supply current
85
113
mA
Output buffer supply current
LVDS interface with 100-
Ω external termination
43
mA
Low LVDS swing (200 mV)
Output buffer supply current
LVDS interface with 100-
Ω external termination
55
72
mA
IDRVDD(1)
Standard LVDS swing (350 mV)
Output buffer supply current(1)(2)
CMOS interface(2)
33
mA
8-pF external load capacitance
fIN = 2.5 MHz
Analog power
153
mW
Digital power
LVDS interface
77
mW
Low LVDS swing (200 mV)
Digital power
CMOS interface(2)
59
mW
8-pF external load capacitance
fIN = 2.5 MHz
Global power-down
10
25
mW
Standby
185
mW
(1)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10 pF.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on the output pins, input frequency, and
the supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ADS4128


Similar Part No. - ADS4125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4125 TI1-ADS4125 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4125 TI1-ADS4125 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4125 TI1-ADS4125 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4125IRGZR TI1-ADS4125IRGZR Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4125IRGZR TI1-ADS4125IRGZR Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
More results

Similar Description - ADS4125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com