Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLX24C04P Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SLX24C04P
Description  4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C04P Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SLX24C04P Datasheet HTML 1Page - Siemens Semiconductor Group SLX24C04P Datasheet HTML 2Page - Siemens Semiconductor Group SLX24C04P Datasheet HTML 3Page - Siemens Semiconductor Group SLX24C04P Datasheet HTML 4Page - Siemens Semiconductor Group SLX24C04P Datasheet HTML 5Page - Siemens Semiconductor Group SLX24C04P Datasheet HTML 6Page - Siemens Semiconductor Group SLX24C04P Datasheet HTML 7Page - Siemens Semiconductor Group SLX24C04P Datasheet HTML 8Page - Siemens Semiconductor Group SLX24C04P Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
P-DIP-8-4
P-DSO-8-3
4Kbit(512
× 8bit)SerialCMOS
EEPROMs, I2C Synchronous 2-Wire Bus,
Page Protection Mode
SLx 24C04/P
Semiconductor Group
3
1998-07-27
Features
• Data EEPROM internally organized as
512 bytes and 32 pages
× 16 bytes
• Page protection mode, flexible page-by-page
hardware write protection
– Additional protection EEPROM of 32 bits, 1 bit per
data page
– Protection setting for each data page by writing its
protection bit
– Protection management without switching WP pin
• Low power CMOS
V
CC = 2.7 to 5.5 V operation
• Two wire serial interface bus, I
2C-Bus
compatible
• Filtered inputs for noise suppression with
Schmitt trigger
• Clock frequency up to 400 kHz
• High programming flexibility
– Internal programming voltage
– Self timed programming cycle including erase
– Byte-write and page-write programming, between 1 and 16 bytes
– Typical programming time 5 ms for up to 16 bytes
• High reliability
– Endurance 10
6 cycles1)
– Data retention 40 years
1)
– ESD protection 4000 V on all pins
• 8 pin DIP/DSO packages
• Available for extended temperature ranges
– Industrial:
− 40 °C to + 85 °C
– Automotive:
− 40 °C to + 125 °C
1)
Values are temperature dependent, for further information please refer to your Siemens Sales office.


Similar Part No. - SLX24C04P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - SLX24C04P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
ATMEL Corporation
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com