Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NST120F120-A Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # NST120F120-A
Description  FRED Ultrafast Soft Recovery Diode, 60A 횞 2
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NST120F120-A Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  NST120F120-A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NST120F120-A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NST120F120-A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NST120F120-A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NST120F120-A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NST120F120-A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
SEMICONDUCTOR
RoHS
RoHS
NST120F120 / NST120F120-A
10-5
10-4
10-3
10-2
10-1
1.0
0.60
0.50
0.40
0.30
0.20
0.10
0
0.5
SINGLE PULSE
0.1
0.3
0.7
0.9
0.05
Fig.1b transient thermal impedance model
t2
t1
:
0.148
0.238
0.174
0.006
0.0909
0.524
Power
(watts)
Junction
temp (°C)
RC MODEL
Case temperature (°C)
T
J
= 125°C
V
R
= 800V
600
500
400
300
200
100
0
30A
60A
120A
Fig.2 Forward current vs. forward voltage
Fig.3 Reverse recovery time vs. current rate of change
0
0.5
1
1.5
2
2.5
3
3.5
0
200
400
600
800
1000
1200
200
180
160
140
120
100
80
60
40
20
0
Fig.1a Maximum effective transient thermal impedance, junction-to-case vs. pulse duration
Rectangular pulse duration (seconds)
Anode-to-cathode voltage (V), VF
Current rate of change(A/μs), -di /dt
F
Duty Factor D =t /t
1 2
Peak T = P
xZ
+T
DM
θ
J
JC
C
Nell High Power Products
T =150°C
J
T =125°C
J
T =25°C
J
T =-55°C
J


Similar Part No. - NST120F120-A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NST120F12 NELLSEMI-NST120F12 Datasheet
342Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 60A 횞 2
NST120F12 NELLSEMI-NST120F12 Datasheet
705Kb / 6P
   Ultrafast Soft Recovery Diode
NST120F12-A NELLSEMI-NST120F12-A Datasheet
705Kb / 6P
   Ultrafast Soft Recovery Diode
NST120F12 NELLSEMI-NST120F12_17 Datasheet
705Kb / 6P
   Ultrafast Soft Recovery Diode
More results

Similar Description - NST120F120-A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NST120F12 NELLSEMI-NST120F12 Datasheet
342Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 60A 횞 2
NST120F60 NELLSEMI-NST120F60 Datasheet
339Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 60A 횞 2
NST120F06 NELLSEMI-NST120F06 Datasheet
344Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 60A 횞 2
NST200F06 NELLSEMI-NST200F06 Datasheet
310Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 100A 횞 2
NST200F120 NELLSEMI-NST200F120 Datasheet
306Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 100A 횞 2
NST200F60 NELLSEMI-NST200F60 Datasheet
312Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 100A 횞 2
NST200F12 NELLSEMI-NST200F12 Datasheet
310Kb / 5P
   Ultrafast Soft Recovery Diode, 100A 횞 2
logo
Shenzhen Luguang Electr...
60U06HS LUGUANG-60U06HS Datasheet
1Mb / 3P
   Ultrafast Soft Recovery Diode, 60A
Revision:20220105-P1
logo
International Rectifier
HFA35HB60C IRF-HFA35HB60C Datasheet
195Kb / 5P
   Ultrafast, Soft Recovery Diode FRED
logo
Nell Semiconductor Co.,...
NST120F06 NELLSEMI-NST120F06_17 Datasheet
704Kb / 6P
   FRED Ultrafast Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com