Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLB0587 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SLB0587
Description  Dimmer IC for Halogen Lamps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLB0587 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SLB0587 Datasheet HTML 5Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 6Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 7Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 8Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 9Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 10Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 11Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 12Page - Siemens Semiconductor Group SLB0587 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Semiconductor Group
9
SLB 0587
Application Circuit (Figure 4)
The suggested circuit design of the SLB 0587 performs the following functions:
q
Current supply for the circuits (R 1, R 3, C 2, C 3, C 6, D1, D2).
q
Filtered signal for synchronization of the internal time base (PLL circuit) with line frequency
(R 2, C 4).
q
For specific applications C 4 and R 2 can be varied according to figure 5. An increase for C
4
and R 2 causes a slight reduction of the lamp brightness but at the same time an im-
provement of interference immunity of the internal PLL against line voltage spikes.
q
Integration unit for internal PLL circuit (C 5, R 10)
Combining R 10 and C 5 (figure 6) determines within certain limits the following factors
– Start-up behaviour of internal PLL after line failure
– Ripple control behaviour (periodic shifts of lamp brightness if ripple control signals
represent)
q
Protection of the user (R 8, R 9)
q
Sensitivity setting of the sensor (R 7)
q
Current limitation in the case of reverse polarity of the extension (R 5, R 6)
Both resistors can be omitted if no extension is connected. In this case pin 6 must be con-
nected to V SS (pin 7).
q
D3: Reduction of positive voltages which may arise during the triggered state at the gate of
some triacs, to values below V DD + 0.3 V by diode forward voltage. If suitable triacs are used,
diode D3 can be omitted.
q
Dr,
C 1 are used for EMI suppression.
Depending on the application the EMI suppression is to be dimensioned in acc. with
VDE 0875/part 1 (general)
VDE 0550/part 6 (chokes)
or corresponding the national regulations e.g. 1.4....2 mH, Q = 11....24


Similar Part No. - SLB0587

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
SLB0587G SIEMENS-SLB0587G Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
More results

Similar Description - SLB0587

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
   dimmer IC for halogen lamps
logo
Siemens Semiconductor G...
SLB587 SIEMENS-SLB587 Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
SLB0586 SIEMENS-SLB0586 Datasheet
545Kb / 17P
   DIMMER IC
logo
LSI Computer Systems
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
HK612 ETC1-HK612 Datasheet
64Kb / 1P
   TOUCH DIMMER IC
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com