Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKT160-16A Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKT160-16A
Description  Thyristor/Diode and Thyristor/Thyristor, 160A(New INT-A-PAK Power Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKT160-16A Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKT160-16A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKT160-16A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKT160-16A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKT160-16A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page2of4
SEMICONDUCTOR
RoHS
RoHS
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
Maximum average on-state current
at case temperature
IT AV
(
)
180°
,
conduction half sine wave ,50Hz
Maximum RMS on state current
-
A
Maximum peak one cycle,
,
-
on state
-
-
non repetitive surge current
ITSM
t
ms
= 10
No voltage
reapplied
Sine half wave,
initial TJ =
TJ maximum
t
ms
= 8.3
Maximum I2t for fusing
I 2t
kA2s
Maximum I2√t for fusing
I
2√t
t
ms to
ms no
= 0.1
10
,
voltage reapplied
Maximum on state voltage drop
-
VTM
ITM = 480A , TJ = 25 °
, 180°
C
conduction
Maximum forward voltage drop
VFM
IFM = 480A, TJ = 25 °
, 180°
C
conduction
Maximum holding current
IH
Anode supply
V initial I
= 6
T = 30
,
A TJ =25° C
mA
Maximum latching current
IL
Anode supply
V resistive load
= 6
= 1
Gate pulse
V
s T
: 10 , 100
, J = 25 ° C
400
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
Maximum peak reverse and
off state leakage current
-
IRRM,
IDRM
TJ = 125 ° C
RMS isolation Voltage
VISO
50
,
,
Hz circuit to base
all terminals shorted
V
Critical rate of rise of
off state voltage
-
dV dt
/
TJ = TJ
,
maximum
exponential to
rated V
67 %
DRM
/
V s
V
UNITS
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM/VDSM,
-
MAXIMUM NON REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM/IDRM
AT
C
125 °
mA
NKT160
04
400
500
20
08
800
900
12
1200
1300
14
1400
1500
16
1600
1700
180°
,
conduction half sine wave ,50Hz ,T = 85 C
C
°
VALUE
40~150
1.4
1.7
1458
251
5400
160
85
5670
A
°C
146
133
20
800
mA
N
High Power Products
ell
t
ms
= 10
t
ms
= 8.3
t
ms
= 10
t
ms
= 8.3
kA2√s
102
93
reapplied
100%VRRM
2500(1min)
3500(1s)
UNITS
NKT160A/NKH160A Series
NKH160
lT(RMS)
www.nellsemi.com


Similar Part No. - NKT160-16A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT160 NELLSEMI-NKT160 Datasheet
708Kb / 4P
   Thyristor Power Modules
NKT160 NELLSEMI-NKT160 Datasheet
694Kb / 4P
   Thyristor/Diode Power Modules
NKT160A NELLSEMI-NKT160A Datasheet
694Kb / 4P
   Thyristor/Diode Power Modules
More results

Similar Description - NKT160-16A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT200-16A NELLSEMI-NKT200-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 200A(New INT-A-PAK Power Modules)
NKT135-16A NELLSEMI-NKT135-16A Datasheet
1Mb / 4P
   Thyristor Diode and Thyristor / /Thyristor, 135A(New INT-A-PAK Power Modules)
NKET161 NELLSEMI-NKET161 Datasheet
1Mb / 3P
   Phase Control Thyristor, 160A(New INT-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKU162PBF VISHAY-VS-VSKU162PBF Datasheet
249Kb / 9P
   Thyristor/Thyristor, 160 A (New INT-A-PAK Power Modules)
Revision: 20-Nov-15
VS-VSK.136PBF VISHAY-VS-VSK.136PBF Datasheet
406Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
Revision: 11-Apr-14
VSKT136 VISHAY-VSKT136_10 Datasheet
408Kb / 13P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
Revision: 04-May-10
VS-VSK136PBF VISHAY-VS-VSK136PBF_V01 Datasheet
403Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162...PBF VISHAY-VS-VSKU162...PBF Datasheet
245Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162PBF VISHAY-VS-VSKU162PBF_V01 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162 VISHAY-VS-VSKU162 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com