Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKH90A Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # NKH90A
Description  Thyristor/Diode and Thyristor/Thyristor, 90A(ADD-A-PAK Power Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKH90A Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  NKH90A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKH90A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKH90A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKH90A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.1 Peak On-state Voltage vs. Peak On-state Current
Fig.2 Max. Thermal Impedance (Junction To case) Vs. Time
Fig.3 Power Dissipation Vs. Average On-state Current
Fig.4 Case Temperature Vs. Average O
Current
n-state
Fig.5 Surge
Current Vs. Cycles
On-state
Fig.6 Gate characteristics
Time(cycles)
Gate current (mA)
Peak On-state Current (A)
Time (s)
Average On-state current (A)
30°
60°
90°
120°
180°
30°
60°
90°
120° 180°
0
0.05
0.1
0.15
0.2
0.25
0.3
0.001
0.01
0.1
1
10
3
2.6
2.2
1.8
1.4
1
0.6
10
100
1000
0.6
250
200
150
100
50
0
0
30
60
90
120
0
0
30
60
90
120
150
180
20
40
60
80
100
120
140
0.4
0.6
0.8
1
1.2
1
100
10
10¯¹
10¹
10²
10³
10¹
2
5
5
2
2
5
2
2
10º
5
5
2
2
3.4
3.8
1.4
1.8
1.6
2
2.2
NKT90A/NKH90A Series
www.nellsemi.com


Similar Part No. - NKH90A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKH9008 NELLSEMI-NKH9008 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
NKH9012 NELLSEMI-NKH9012 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
NKH9014 NELLSEMI-NKH9014 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
NKH9016 NELLSEMI-NKH9016 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
More results

Similar Description - NKH90A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT26-16A NELLSEMI-NKT26-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 27A(ADD-A-PAK Power Modules)
NKT110-16A NELLSEMI-NKT110-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 110A(ADD-A-PAK Power Modules)
logo
Vishay Siliconix
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
logo
International Rectifier
IRKT.71 IRF-IRKT.71 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com