Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKT90A Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKT90A
Description  Thyristor/Diode and Thyristor/Thyristor, 90A(ADD-A-PAK Power Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKT90A Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKT90A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKT90A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKT90A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKT90A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
SEMICONDUCTOR
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave ,50Hz
Maximum RMS on-state current
A
Maximum peak, one-cycle, on-state
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sine half wave,
initial TJ =
TJ maximum
t = 8.3 ms
Maximum I2t for fusing
I 2t
kA2s
Maximum I2√t for fusing
I
2√t
t = 0.1 ms to 10 ms, no voltage reapplied
Maximum on-state voltage drop
VTM
ITM = 270A , TJ = 25 °C, 180° conduction
Maximum forward voltage drop
VFM
IFM = 270A , TJ = 25 °C, 180° conduction
Maximum holding current
IH
Anode supply = 6
, T
J = 25 °C
mA
Maximum latching current
IL
Anode supply = 6 V resistive load, T
J = 25 °C
400
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
Maximum peak reverse and
off-state leakage current
IRRM
IDRM
TJ = 125 °C
RMS isolation Voltage
VISO
50 Hz, circuit to base,
all terminals shorted
V
Critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum,
exponential to 67 % rated V DRM
V/μs
V
UNITS
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM/VDSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM/IDRM
AT 125 °C
mA
NKT90..A
04
400
500
10
08
800
900
12
1200
1300
14
1400
1500
16
1600
1700
180° conduction, half sine wave ,50Hz ,T = 85°C
C
VALUE
90
85
141
2000
2100
20
18.3
200
1.6
1.3
150
A
°C
10
500
mA
Nell High Power Products
t = 10 ms
t = 8.3 ms
t = 10 ms
t = 8.3 ms
kA2√s
14
12.8
reapplied
100%VRRM
RoHS
RoHS
2500 (1min)
3000 (1s)
UNITS
NKH90..A
V,resistive load
NKT90A/NKH90A Series
lT(RMS)
www.nellsemi.com


Similar Part No. - NKT90A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT90 NELLSEMI-NKT90 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
NKT9008 NELLSEMI-NKT9008 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
NKT9012 NELLSEMI-NKT9012 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
NKT9014 NELLSEMI-NKT9014 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
NKT9016 NELLSEMI-NKT9016 Datasheet
724Kb / 4P
   Thyristor/Diode Power Modules
More results

Similar Description - NKT90A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT26-16A NELLSEMI-NKT26-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 27A(ADD-A-PAK Power Modules)
NKT110-16A NELLSEMI-NKT110-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 110A(ADD-A-PAK Power Modules)
logo
Vishay Siliconix
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
logo
International Rectifier
IRKT.71 IRF-IRKT.71 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com