Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N-HFA60PA60C Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA60PA60C
Description  FRED Ultrafast Soft Recovery Diode, 2 x 30 A
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 4 page
background image
N
High Power Products
ell
SEMICONDUCTOR
RoHS
RoHS
SEMICONDUCTOR
RoHS
RoHS
Page4of5
N-HFA60PA60C
50
Fig.7Maximumaverageforwardcurrentvs.casetemperature
1
10
200
Fig6.Dynamicparametersvs.junctiontemperature
Junctiontemperature( C),T
°
J
Casetemperature( C)
°
Fig.8Junctioncapacitancevs.reversevoltage
reversevoltage(V),VR
1.2
1.0
0.8
0.6
0.4
0.2
0.0
60
50
40
30
20
0
25
100
125
150
175
75
50
25
100
125
150
0
75
160
140
120
100
0
100
t
rr
Q
rr
t
rr
10
60
40
20
I
RRM
www.nellsemi.com
Q
rr
Dutycycle=0.5
TJ =175°C
80
180
200




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl