Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N-HFA16TB120 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-HFA16TB120
Description  FRED Ultrafast Soft Recovery Diode, 16 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
Fig.1 Maximum Forward Voltage Drop vs. Instantaneous
Forward Current
Fig.2 Typical Reverse Current vs. Reverse Voltage
Fig.3 Typical Junction C apacitance vs. Reverse Voltage
Fig.4 Maximum Thermal Impedance ZthJCCharacteristics
0.1
1
10
100
0
2
4
6
8
FM
Forward Voltage Drop - V
(V)
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
A
1
10
100
1000
1
10
100
1000
10000
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
J
Notes:
1. Duty factor D = t1/ t 2
2. Peak T = Pdm x ZthJC + Tc
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
Nell High Power Products
N-HFA16TB120
T = 125°C
J
T = 25°C
J
T = 150°C
J
T = 125°C
J
T = 25°C
J
T = 150°C
J
T = 25°C
J
www.nellsemi.com




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl