Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N-60EPU06 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. N-60EPU06
Description  FRED Ultrafast Soft Recovery Diode, 60 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page 3 of 6
Nell High Power Products
Fig.1 Typical forward voltage drop characteristics
Fig.2 Typical values of reverse current vs.
reverse voltage
1000
100
10
1
0
0.5
1
1.5
2
2.5
3
Forward voltage drop-V (A)
F
T =175°
j
T =125°
j
T =25°
j
Reverse voltage-V (V)
R
1000
100
10
1
0.1
0.01
0.001
0
100
200
300
400
500
600
T =175°
j
T =125°
j
T =25°
j
Fig.3 Typical junction capacitance vs. reverse voltage
Reverse voltage-V (V)
R
T =25°
j
1000
100
10
0
100
200
300
400
500
600
Fig4. Maximum thermal impedance Z
characteristics
thJC
Rectangular pulse duration-t
(s)
on
1
0.1
0.01
0.7
0.5
0.3
0.1
0.05
t1
t2
t3
Tj
Tc
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0.06226
0.32503
0.24271
0.00049
0.01294
0.24310
Ti (s)
Ri (°C/W)
Notes:
1. Duty factor D=t
/period
on
2. Peak TJ=P
xZ
+T
DM
thJC
c
N-60EPU06 Series




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl