Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N-30ETU12 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part No. N-30ETU12
Description  FRED Ultrafast Soft Recovery Diode, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

   
 1 page
background image
FRED
Ultrafast Soft Recovery Diode, 30 A
FEATURES
Ultrafast recovery
Ultrasoft recovery
Compliant to RoHS
Designed and qualified for industrial level
BENEFITS
Reduced RFI and EMI
Reduced power loss in diode and switching transistor
Higher frequency operation
Reduced snubbing
Reduced parts count
DESCRIPTION
PRODUCT SUMMARY
VR
1200 V
VF at 30A at 25 °C
IF(AV)
30 A
trr (typical)
TJ (maximum)
Qrr
545 nC
Anode
1
3
Cathode
Base
cathode
TO-220AC
N-30ETU12
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
Cathode to anode voltage
VR
V
Maximum continuous forward current
I
= 100
T
ºC
C
A
Single pulse forward current
IFSM
280
Maximum repetitive forward current
IFRM
100
Operating junction and storage temperature range
TJ, TStg
ºC
SEMICONDUCTOR
N-30ETU12 RoHS
RoHS
Available
RoHS*
COMPLIANT
F
Nell High Power Products
3.3 V
1200
30
- 55 to 150
26 ns
150 °C
30ETU12 is a state of the art
ultrafast
diode. Employing the latest in epitaxial construction
and
advanced
processing
techniques
it
features
a superb combination of characteristics which result
in performance which is unsurpassed by any rectifier
previously available. With
basic ratings
of 1200V
and 30 A
continuous
current,
the
30ETU12
is
especially well suited for use as the companion
diode for IGBTs and MOSFETs. In addition to ultrafast
recovery
time, the FRED
product line
features
extremely low values of peak recovery current (I
)
RRM
and does not exhibit any tendency to “snap-off” during
the t
portion of recovery. The FRED features combine
b
to offer designers a
rectifier with lower
noise and
significantly lower switching losses in both the diode
and the switching transistor. These FRED advantages
can help to significantly reduce snubbing, component
count
and heatsink sizes. The
FRED
30ETU12
is ideally suited for applications in power supplies and
conversion systems (such as inverters), motor drives,
and many other similar applications where high speed,
high efficiency is needed.
recovery
N-30ATU12
Anode
1
3
Anode
Base
cathode
2
TO-220AB
2
Ver low lRRM
Ver low Qrr
= 25
T
ºC
C
www.nellsemi.com
Page 1 of 6
UNITS
VALUES




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl