Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26T06BI-B Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 26T06BI-B
Description  TRIACs, 25A Sunbberless and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

26T06BI-B Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  26T06BI-B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 26T06BI-B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 26T06BI-B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 26T06BI-B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 26T06BI-B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 26T06BI-B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
www.nellsemi.com
Page 5 of 6
26T Series
100
1000
3000
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
Fig.9 Relative variation of critical rate of decrease
of main current versus (dV/dt)c (typical values).
Fig.7 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms.
2
and corresponding value of l t.
Fig.8 Relative variation of gate trigger current,holding
current and latching current versus junction
temperature (typical values).
2
2
l
(A), l t(A s)
TSM
l
,
l ,l [T ] / l
,l ,l [T =25°C]
GT H L
j
GT H L
j
0.4
0.8
1.2
1.6
2.4
2.0
2.2
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0.1
1.0
10.0
100.0
0.01
0.10
1.00
10.00
Fig.10 Relative variation of critical rate of decrease
of main current versus Tj
0
1
2
3
4
6
5
0
10
20
30
40
50
60
70
80
0
4
8
12
20
16
0
25
50
75
100
125
2
Fig.11 D PAK thermal resistance junction to
ambient versus copper surface under
tab (printed circuit board FR4, copper
thickness: 35µm)
Rth(j-a)(°C/W)
24
32
28
36
40
t (ms)
p
2
I t
ITSM
T initial=25°C
j
dI/dt limitation:
50A/µs
I & I
H
L
IGT
T (°C)
j
CW/BW
B
(dV/dt)c (V/µs)
1.8
1.4
1.0
0.6
T (°C)
j
2
S(cm )
TO-263


Similar Part No. - 26T06BI-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
26T NELLSEMI-26T Datasheet
613Kb / 6P
   Snubberless and Standard
logo
Satco Products, Inc.
26T2/27 SATCO-26T2/27 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
26T2/27 SATCO-26T2/27 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
26T2/41 SATCO-26T2/41 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
26T2/50 SATCO-26T2/50 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 26T06BI-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
M40T60A NELLSEMI-M40T60A Datasheet
238Kb / 5P
   TRIACs, 40A Sunbberless
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
   TRIACs, 40A Sunbberless
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com