Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26T06B-B Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 26T06B-B
Description  TRIACs, 25A Sunbberless and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

26T06B-B Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  26T06B-B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 26T06B-B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 26T06B-B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 26T06B-B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 26T06B-B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 26T06B-B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ORDERING INFORMATION
26TxxA-yy
26TxxA-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
SEMICONDUCTOR
RoHS
RoHS
26T Series
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
600 V
50 mA
35 mA
50 mA
1200 V
26TxxA-B/26TxxAl-B
26TxxA-CW/26TxxAl-CW
26TxxA-BW/26TxxAl-BW
TYPE
TO-220AB
TO-220AB
Snubberless
V
V
V
V
V
V
800 V
V
V
V
AI: Insulated TO-220AB package
Standard
Snubberless
BI: Insulated TO-3P package
50 mA
26TxxB-B/26TxxBl-B
TO-3P
V
V
V
V
V
V
V
V
V
35 mA
50 mA
Snubberless
26TxxB-CW/26TxxBl-CW
26TxxB-BW/26TxxBl-BW
Snubberless
50 mA
26TxxH-B
V
V
V
V
V
V
V
V
V
35 mA
50 mA
Snubberless
26TxxH-CW
26TxxH-BW
Snubberless
2
D PAK
2
D PAK
1000 V
V
V
V
V
V
V
V
V
V
Standard
Standard
2
D PAK
TO-3P
TO-3P
TO-220AB
www.nellsemi.com
Page 3 of 6
ORDERING INFORMATION SCHEME
Triac series
Current
Voltage
26 = 25A
06 = 600V
08 = 800V
BW = 50mA Snubberless
Package type
10 = 1000V
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
I
Sensitivity
GT
2
H = TO-263 (D PAK)
B = TO-3P (non-insulated)
BI = TO-3P (
)
insulated
CW = 35mA Snubberless
12 = 1200V
26 T 06
A - BW
B = 50mA Standard
26TxxAI-yy
26TxxAI-yy
2.3g
50
Tube
26TxxB-yy
26TxxB-yy
TO-3P
4.3g
30
26TxxBI-yy
26TxxBI-yy
4.8g
30
Tube
Note: xx = voltage, yy = sensitivity
26TxxH-yy
26TxxH-yy
2
D PAK
2.0g
50
TO-3P (insulated)
TO-220AB (insulated)
Tube
Tube


Similar Part No. - 26T06B-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
26T NELLSEMI-26T Datasheet
613Kb / 6P
   Snubberless and Standard
logo
Satco Products, Inc.
26T2/27 SATCO-26T2/27 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
26T2/27 SATCO-26T2/27 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
26T2/41 SATCO-26T2/41 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
26T2/50 SATCO-26T2/50 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 26T06B-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
M40T60A NELLSEMI-M40T60A Datasheet
238Kb / 5P
   TRIACs, 40A Sunbberless
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
   TRIACs, 40A Sunbberless
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com