Part Name
         Description
25T06BB

 TRIACs, 25A Sunbberless and Standard ( 6 Page)


NELLSEMI
100% 
Zoom Out Zoom In
   
 1 page
background image
www.nellsemi.com
Page 1 of 6
SEMICONDUCTOR
25T Series RoHS
RoHS
G
A2
A1
TRIACs, 25A
1
2
3
TO-220AB (lnsulated)
(25TxxAI)
TO-220AB (non-Insulated)
SYMBOL
IT(RMS)
RMS on-state current (full sine wave)
TO-3P
UNIT
VALUE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
T = 105ºC
c
A2
A2
G
A1
2
TO-263 (D PAK)
(25TxxH)
FEATURES
APPLICATIONS
High current triac
Low thermal resistance with clip bonding
Low thermal resistance insulation ceramic
for insulated TO-220AB & TO-3P package
High commutation (4 quadrant) or very
High commutation (3 quadrant) capability
25T series are UL certified (File ref: E320098)
MAIN FEATURES
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT(Q1)
25
A
V
mA
35 to 50
600 to 1200
25
A1 A2 G
TO-3P (Insulated)
(25TxxBI)
(25TxxA)
A1 A2 G
A2
TO-3P (non-Insulated)
(25TxxB)
Sunbberless and Standard
Packages are RoHS compliant
Applications include the ON/OFF function in
applications such as static relays, heating
regulation, induction motor starting circuits,
etc., or for phase control operation in light
dimmers, motor speed controllers, and silmilar.
The snubberless versions are especially
recommended for use on inductive loads,
due to their high commutation performances.
The 25T series provides an insulated tab
(rated at 2500V
).
RMS
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
I t
2
2
I t Value for fusing
340
2
A s
dI/dt
Critical rate of rise of on-state current
I = 2xl
, t ≤100ns
G
GT
r
50
IGM
Peak gate current
4
PG(AV)
Average gate power dissipation
1
W
A/µs
A
A
250
260
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F =100 Hz
T =125ºC
j
T =125ºC
j
T =125ºC
j
T =20 µs
p
TO-220AB insulated
T = 75ºC
c
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
Tj
TO-263/TO-220AB/TO-3P insulated
T = 100ºC
c
A2



Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl