Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4T08F-TW Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 4T08F-TW
Description  TRIACs, 4A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4T08F-TW Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  4T08F-TW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4T08F-TW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4T08F-TW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4T08F-TW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4T08F-TW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4T08F-TW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4T08F-TW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.nellsemi.com
Page 3 of 7
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
600 V
35 mA
10 mA
10 mA
10 mA
5 mA
1000 V
4TxxA-CW/4TxxAl-CW
4TxxA-S/4TxxAl-S
4TxxA-A/4TxxAl-A
4TxxA-SW/4TxxAl-SW
4TxxA-T/4TxxAI-T
TYPE
TO-220AB
TO-220AB
TO-220AB
TO-220AB
TO-220AB
Standard
Snubberless
Standard
Logic level
Logic level
V
V
V
V
V
V
V
V
V
V
SEMICONDUCTOR
4T Series RoHS
RoHS
800 V
V
V
V
V
V
5 mA
5 mA
4TxxA-D/4TxxAl-D
4TxxA-TW/4TxxAI-TW
TO-220AB
TO-220AB
V
V
V
V
V
V
THERMAL RESISTANCE
UNIT
VALUE
SYMBOL
TO-220AB,TO-251, TO-252
2.6
Rth(j-c)
Junction to case (AC)
°C/W
4.0
TO-220AB Insulated
70
TO-252
2
S = 0.5 cm
°C/W
Rth(j-a)
Junction to ambient
TO-220AB Insulated, TO-220AB, ITO-220AB
60
TO-251
100
S = Copper surface under tab.
Standard
Standard
35 mA
35 mA
10 mA
10 mA
4TxxF-CW
4TxxG-CW
4TxxF-SW
4TxxG-SW
Logic level
Logic level
V
V
V
V
V
V
V
V
V
V
V
V
5 mA
5 mA
V
V
V
V
V
V
4TxxF-TW
4TxxG-TW
Snubberless
Snubberless
Logic level
Logic level
I-PAK
D-PAK
I-PAK
D-PAK
I-PAK
D-PAK
5 /5/10/10 mA
V
V
V
V
V
V
4TxxF-T/D/S/A
I-PAK
D-PAK
4TxxG-T/D/S/A
5 /5/10/10 mA
Standard
Standard
ORDERING INFORMATION
4TxxA-yy
4TxxA-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
4TxxAI-yy
4TxxAI-yy
2.3g
50
Tube
4TxxF-yy
4TxxF-yy
TO-251(I-PAK)
0.40g
80
4TxxG-yy
4TxxG-yy
0.38g
80
Tube
Note: xx = voltage, yy = sensitivity
TO-252(D-PAK)
TO-220AB (insulated)
Tube
, ITO-220AB
35 mA
4TxxAF-CW
Logic level
V
V
V
10 mA
5 mA
V
V
V
V
V
V
4TxxAF-SW
4TxxAF-TW
Snubberless
Logic level
ISOWAT TO-220AB
10 mA
V
V
V
V
V
V
4TxxAF-D
4TxxAF-A
5 mA
Standard
Standard
ISOWAT TO-220AB
ISOWAT TO-220AB
ISOWAT TO-220AB
ISOWAT TO-220AB
4TxxAF-yy
4TxxAF-yy
2.5g
50
Tube
ISOWAT TO-220AB


Similar Part No. - 4T08F-TW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4T00UP BELDEN-4T00UP Datasheet
170Kb / 2P
   Security & Sound, 2 Conductor 10 AWG high str BC, LSZH
08-25-2023
4T01ULW BELDEN-4T01ULW Datasheet
174Kb / 2P
   Security & Sound, 3 Conductor 10 AWG BC, LSZH, Cca
12-20-2022
More results

Similar Description - 4T08F-TW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com