Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55PT10BI Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 55PT10BI
Description  Stansard SCRs, 55A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

55PT10BI Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  55PT10BI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 55PT10BI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 55PT10BI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 55PT10BI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 55PT10BI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
55PT Series
ORDERING INFORMATION SCHEME
SCR series
Package type
Current
Voltage Code
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
55 = 55A, IT(RMS)
55 PT 06
06 = 600V
B = TO-3P (non-insulated)
08 = 800V
10 = 1000V
12 = 1200V
16 = 1600V
BI = TO-3P ( insulated)
C = TO-247AB
2
H = TO-263 (D PAK)
Fig.1 Maximum power dissipation versus
average on-state current (half cycle)
P(W)
Page 3 of 5
www.nellsemi.com
40
30
20
10
0
50
60
0
4
8
12
20
Fig.2 RMS on-state current versus case
temperature (full cycle)
0
10
20
30
40
50
0
25
50
75
100
125
IT(RMS)
Fig.3 On-state characteristics
(maximum values).
Fig.4 Surge peak on-state current versus
number of cycles.
l
(A)
T(AV)
70
80
16
24
28
32
36
40
5
15
25
35
45
55
60
TO-220AB
TO-3P
insulated
insulated
TO-220AB
TO-263
TO-3P
TO-247AB
100
10
1
0.5
1.0
1.5
2.0
2.5
0
Vo = 1.02 V
T max.
j
Rd = 85 mΩ
T =T max
j
j
T =25°C
j
V
(V)
TM
ITM (A)
500
400
300
200
100
0
1
10
100
1000
I
(A)
TSM
50
150
250
350
450
Number of cycles
550
Non repetitive
T initial=25°C
j
Half cycle
t=10ms


Similar Part No. - 55PT10BI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
55PTxxA NELLSEMI-55PTxxA Datasheet
652Kb / 5P
   Stansard SCRs, 55A
55PTxxAI NELLSEMI-55PTxxAI Datasheet
652Kb / 5P
   Stansard SCRs, 55A
55PTxxB NELLSEMI-55PTxxB Datasheet
652Kb / 5P
   Stansard SCRs, 55A
55PTxxBI NELLSEMI-55PTxxBI Datasheet
652Kb / 5P
   Stansard SCRs, 55A
More results

Similar Description - 55PT10BI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
55PT NELLSEMI-55PT_14 Datasheet
652Kb / 5P
   Stansard SCRs, 55A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
   Stansard SCRs, 16A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com