Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH608-5 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SFH608-5
Description  PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH608-5 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH608-5 Datasheet HTML 1Page - Siemens Semiconductor Group SFH608-5 Datasheet HTML 2Page - Siemens Semiconductor Group SFH608-5 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
SFH608
Figure 8. Output characteristics
(typ.) TA=25°C, ICE=f(VCE, IF)
Figure 9. Permissible forward current
diode IF=f(TA)
Figure 10. Permissible power dissi-
pation PTOT=f(TA)
Figure 11. Transistor capacitance
(typ.) TA=25°C, f=1 MHz, CCE=f(VCE)
CCB=f (VCB), CEB=f (VEB)
Figure 12. Collector-emitter leakage
current IF=0, VCE=10 V, ICEO=f(TA)
Figure 5. Diode forward voltage (typ.)
TA=25°C, VF=f(IF)
Figure 6. Diode forward voltage (typ.)
IF =1 mA, VF=f(TA)
Figure 7. Output characteristics (typ.)
TA=25°C, ICE=f(VCE, IB)


Similar Part No. - SFH608-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH608-5 VISHAY-SFH608-5 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608-5 VISHAY-SFH608-5 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608-5-X007 VISHAY-SFH608-5-X007 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608-5-X007 VISHAY-SFH608-5-X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
More results

Similar Description - SFH608-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
   HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
   5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
   5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
logo
Siemens Semiconductor G...
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
   5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
   5.3 kV TRIOS Optocoupler AC Voltage Input
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
   TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
SFH600 SIEMENS-SFH600 Datasheet
160Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH601 SIEMENS-SFH601 Datasheet
159Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com