Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16T08H-SW Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 16T08H-SW
Description  TRIACs, 16A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T08H-SW Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  16T08H-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T08H-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T08H-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T08H-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T08H-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T08H-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T08H-SW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3000
100
1000
0.0
0.01
0.10
1.00
10.00
0.5
1.0
1.5
2.0
2.5
IH&IL
Tj(
°C)
IGT
1.0
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
C
B
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
SEMICONDUCTOR
16T Series RoHS
RoHS
dl/dt limitation:
50A/µs
lTSM
l²t
Tj initial=25
°C
I
(A), I²t(A²S)
TSM
holding current and latching current versus junction
temperature (typical values)
-40
-20
0
20
40
60
80
100
120
140
SW
CW/BW
snubberless and Logic level types
standard types
10.0
100.0
0
25
50
75
100
125
D²PAK
S(cm²)
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
Page 6 of 7
IGT,IH,IL[Tj] / IGT,IH,IL[Tj = 25°C]
Rth(j-a)(°C/W)
Fig7. Non-repetitive surge peak on-state
current for a sinusoidal
Fig.8 Relative variation of gate trigger current
Fig.9 Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Fig.10 Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Fig.11 D²PAK thermal resistance junction to ambient versus
copper surface under tab (printed circuit FR4, copper
thickness: 35µm
www.nellsemi.com
tp(ms)
pulse with width tp<10ms and
corresponding value of l²t


Similar Part No. - 16T08H-SW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T08HB NELLSEMI-16T08HB Datasheet
661Kb / 7P
   TRIACs
16T08HBW NELLSEMI-16T08HBW Datasheet
661Kb / 7P
   TRIACs
16T08HC NELLSEMI-16T08HC Datasheet
661Kb / 7P
   TRIACs
16T08HCW NELLSEMI-16T08HCW Datasheet
661Kb / 7P
   TRIACs
16T08HSW NELLSEMI-16T08HSW Datasheet
661Kb / 7P
   TRIACs
More results

Similar Description - 16T08H-SW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com