Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6T10A-BW Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 6T10A-BW
Description  TRIACs, 6A Snubberless, Logic Level and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6T10A-BW Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  6T10A-BW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6T10A-BW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6T10A-BW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6T10A-BW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6T10A-BW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6T10A-BW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.nellsemi.com
Page 5 of 6
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
I
,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C ]
GT H L
j
IGT
IH& IL
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
TW
BW/CW
SW
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
C
B
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
T (°C)
j
SEMICONDUCTOR
6T Series RoHS
RoHS
Fig.7 Relative variation of gate trigger current,holding
current and latching current versus junction
temperature (typical values).
Fig.8 Relative variation of critical rate of decrease
of main current versus (dV/dt)c (typical values).
Snubberless & Logic Level Types
Fig.9 Relative variation of critical rate of decrease
of main current versus (dV/dt)C (typical values)
(Standard types).
Fig.10 Relative variation of critical rate decrease of
main current versus junction temperature .
1
10
100
1000
0
10
20
30
40
50
60
70
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
0.01
0.10
1.00
10.00
10
100
1000
I
(A), I t (A s)
TSM
2
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
2
I t
T =105°C
c
2
t (ms)
p
Fig.5 Surge peak on-state current versus number
of cycles.
Fig.6 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms.
2
and corresponding value of l t.


Similar Part No. - 6T10A-BW

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6T100AXB MARATHON-6T100AXB Datasheet
353Kb / 3P
   Approved for 200,000 Amp Withstand Rating
10/27/2023
More results

Similar Description - 6T10A-BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com