Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26T08B-BW Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 26T08B-BW
Description  TRIACs, 25A Sunbberless and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

26T08B-BW Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  26T08B-BW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 26T08B-BW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
www.nellsemi.com
Page 4 of 6
26T Series
Fig.1 Maximum power dissipation versus RMS on-state
current (full cycle)
Fig.2 RMS on-state current versus case temperature
(full cycle)
0
5
10
15
20
30
25
P (W)
0
I
(A)
T(RMS)
125
100
75
50
25
2
Fig.3 D PAK RMS on-state current versus ambient
temperature (printed circuit board FR4,
copper thickness: 35µm)(full cycle)
Fig.4 Relative variation of thermal impedance
versus pulse duration.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1E-3
1E-2
1E-1
1E+0
K=[Z /R ]
th
th
5E+2
1E+2
1E+1
1E+0
1E-1
1E-2
0
25
50
75
100
125
I
(A)
T(RMS)
1
10
100
I
(A)
Fig.5 On-state characteristics (maximum values).
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
I
(A)
TSM
Fig.6 Surge peak on-state current versus number
of cycles.
1
10
100
1000
300
I
(A)
T(RMS)
0
5
10
15
20
25
TO-220AB
(
)
insulated
TO-220AB
TO-263
TO-3P(insulated)
TO-3P
T (°C)
C
4.0
2
D PAK
2
(S=1cm )
T
(°C)
amb
Zth(j-c)
TO-263AB
TO-220AB
TO-220AB (insulated)
Zth(j-a)
TO-3P(insulated)
tp(s)
1E-3
0
5
10
15
20
30
25
300
T max.
j
V
= 0.85 V
to
R = 16 mΩ
d
T =T max
j
j
T =25°C
j
V
(V)
TM
Number of cycles
Repetitive
T =75°C
c
Non repetitive
T initial=25°C
j
t=20ms
One cycle
Zth(j-a)


Similar Part No. - 26T08B-BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
26T NELLSEMI-26T Datasheet
613Kb / 6P
   Snubberless and Standard
logo
Satco Products, Inc.
26T2/27 SATCO-26T2/27 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
26T2/27 SATCO-26T2/27 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
26T2/41 SATCO-26T2/41 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
26T2/50 SATCO-26T2/50 Datasheet
125Kb / 1P
   26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 26T08B-BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
M40T60A NELLSEMI-M40T60A Datasheet
238Kb / 5P
   TRIACs, 40A Sunbberless
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
   TRIACs, 40A Sunbberless
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com