Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH608-3 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH608-3
Description  PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH608-3 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH608-3 Datasheet HTML 1Page - Siemens Semiconductor Group SFH608-3 Datasheet HTML 2Page - Siemens Semiconductor Group SFH608-3 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• Very High CTR at IF=1 mA, VCE=0.5 V
- SFH608-2, 63-125%
- SFH608-3, 100-200%
- SFH608-4, 160-320%
- SFH608-5, 250-500%
• Specified Minimum CTR at IF=0.5 mA,
VCE=1.5 V: ≥ 32% (typ. 120%)
• Good CTR Linearity with Forward Current
• Low CTR Degradation
• High Collector-Emitter Voltage VCEO=55 V
• Isolation Test Voltage: 5300 VACRMS
• Low Current Input
• Low Coupling Capacitance
• High Common Mode Transient Immunity
• Phototransistor Optocoupler in 6 Pin DIP
Package
• Field Effect Stable: TRIOS*
VDE 0884 Available with Option 1
• Underwriters Lab File #E52744
• Applications
- Telecommunications
- Industrial Controls
- Office Machines
- Microprocessor System Interfaces
DESCRIPTION
The SFH 608 is an optocoupler designed for high
current transfer ratio at low input currents with the
output transistor saturated. This makes the device
ideal for low current switching applications. The
SFH608 is packaged in a six pin plastic DIP.
*TRIOS—TRansparent IOn Shield
V
DE
Maximum Ratings (TA=25°C)
Emitter
Reverse Voltage ...................................................................................6 V
DC Forward Current ........................................................................50 mA
Surge Forward Current (tp
≤10 µs) ................................................... 2.5 A
Total Power Dissipation ................................................................. 70 mW
Detector
Collector-Emitter Voltage .................................................................. 55 V
Collector-Base Voltage .......................................................................55 V
Emitter-Base Voltage ..........................................................................7 V
Collector Current ............................................................................ 50 mA
Surge Collector Current (tp
≤1 ms) ................................................100 mA
Total Power Dissipation ............................................................... 150 mW
Isolation Test Voltage (between emitter and detector, refer
to climate DIN 40046 part 2 Nov. 74) (t=1 sec.).............. 5300 VACRMS
Creepage
................................................................................................. ≥7 mm
Clearance
................................................................................................. ≥7 mm
Comparative Tracking Index
per DIN IEC 112/VDE 0303, part1 ................................................... 175
Isolation Resistance
VIO=500 V, TA=25°C......................................................................... ≥10
12
VIO=500 V, TA=100°C.......................................................................≥10
11
Storage Temperature Range .......................................... -55
°C to +150°C
Operating Temperature Range....................................... -55
°C to +100°C
Junction Temperature...................................................................... 100
°C
Soldering Temperature (max. 10 sec., dip soldering:
distance to seating plane
≥1.5 mm) .............................................260°C
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
SFH 608
PHOTOTRANSISTOR, 5.3 KV, TRIOS®
LOW CURRENT
OPTOCOUPLER


Similar Part No. - SFH608-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH608-3 VISHAY-SFH608-3 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608-3 VISHAY-SFH608-3 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608-3-X006 VISHAY-SFH608-3-X006 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608-3-X006 VISHAY-SFH608-3-X006 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608-3-X007 VISHAY-SFH608-3-X007 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
More results

Similar Description - SFH608-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
   HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
   5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
   5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
logo
Siemens Semiconductor G...
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
   5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
   5.3 kV TRIOS Optocoupler AC Voltage Input
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
   TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
SFH600 SIEMENS-SFH600 Datasheet
160Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH601 SIEMENS-SFH601 Datasheet
159Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com