Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20T10AI-BW Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 20T10AI-BW
Description  TRIACs, 20A Sunbberless
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

20T10AI-BW Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  20T10AI-BW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 20T10AI-BW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 20T10AI-BW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 20T10AI-BW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 20T10AI-BW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
www.nellsemi.com
Page 4 of 5
Fig.3 RMS on-state current versus case temperature
(full cycle)
0
30
50
0
70
5
15
10
Fig.4 Relative variation of thermal impedance
versus pulse duration.
1E-3
0.01
0.1
1
K=[Z /R ]
th
th
5E+2
1E+2
1E+1
1E+0
1E-1
1E-2
20T Series
20
25
100 110 120
80
90
60
40
20
10
130
TO-220AB
TO-263
TO-3P
TO-220AB
(
)
(insulated)
TO-3P insulated
T (°C)
c
I
(A)
T(RMS)
α =180°
Zth(j-c)
Zth(j-a)
tp(s)
1
10
100
I
(A)
Fig.5 On-state characteristics (maximum values).
1
2
3
4
5
100
I
(A)
TSM
Fig.6 Surge peak on-state current versus number
of cycles.
1
10
100
1000
1000
1000
T max.
j
V
= 1.04V
to
R = 20Ωm
d
T =T max
j
j
T =25°C
j
V
(V)
TM
Non repetitive
T initial=25°C
j
t=20ms
One cycle
Number of cycles
1000
Fig.7 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms.
2
and corresponding value of l t.
Fig.8 Relative variation of gate trigger current and
holding current versus junction temperature.
2
2
l
(A), l t(A s)
TSM
l
,
l ,l [T ] / l
,l ,l [T =25°C]
GT H L
j
GT H L
j
100
T initial=25°C
j
ITSM
2
I t
t (ms)
p
0.01
0.10
1.00
10.00
T (°C)
j
IGT
I & I
H
L
-30
50
70
100 110 120
80 90
60
0
-20 -10
130
-40
30
20
10
40
0.0
0.5
1.5
1.0
2.0
2.5


Similar Part No. - 20T10AI-BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
20T10AI-BW NELLSEMI-20T10AI-BW Datasheet
595Kb / 5P
   TRIACs
More results

Similar Description - 20T10AI-BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
M40T60A NELLSEMI-M40T60A Datasheet
238Kb / 5P
   TRIACs, 40A Sunbberless
41T06B-BW NELLSEMI-41T06B-BW Datasheet
497Kb / 5P
   TRIACs, 40A Sunbberless
26T06A-BW NELLSEMI-26T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
   TRIACs, 25A Sunbberless and Standard
logo
Unisonic Technologies
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
   20A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
   20A TRIACs
logo
Kersemi Electronic Co.,...
BTA20-700C KERSEMI-BTA20-700C Datasheet
897Kb / 4P
   20A TRIACS
logo
STMicroelectronics
BTA20 STMICROELECTRONICS-BTA20 Datasheet
83Kb / 6P
   20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
   20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
   20A TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com