Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16T10H-B Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 16T10H-B
Description  TRIACs, 16A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T10H-B Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  16T10H-B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T10H-B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T10H-B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T10H-B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T10H-B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T10H-B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T10H-B Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Applications
Snubberless,
and Standard
Logic Level
Features
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT(Q1)
16
A
V
mA
5 to 50
to
SEMICONDUCTOR
16T Series RoHS
RoHS
TRIACs, 16A
G
A2
A1
1
2
3
TO-220AB (lnsulated)
(16Txx AI)
TO-220AB (non-Insulated)
(16Txx A)
● Medium current Triac
● Low thermal resistance with clip bonding
● Low thermal resistance insulation ceramic
● High commutation (4Q) or very high
● RoHS compliant, UL certified (File NO:E320098)
● Insulated tab (16TxxAI series, rated at 2500 VRMS)
● Snubberless versions (With Suffix W)
especially recommended for use on
inductive loads, because of their high
commutation performances
● On/off or phase angle function in applications
such as static relays, light dimmers and
appliance motor speed controllers
PARAMETER
IT(RMS)
V
V
DRM
RRM
/
I
(Snubberless)
GT
Device summary
SYMBOL
(1)
16TxxAI
16TxxA
I
(logic level)
GT
I
(standard)
GT
On-state RMS current
Repetitive peak off-state voltage
Triggering gate current
Triggering gate current
Triggering gate current
16
600/800/1000
35/50
10
25/50
16
600/800/1000
35/50
10
25/50
Page 1 of 7
commutation (3Q) capability
for insulated 16T
A2
TO-263 (D²PAK)
(16Txx H)
Available either in through-hole or surface-mount
packages, the 16TxxA and 16TxxAl triacs series are
suitable for general purpose mains power AC switcging
Description
Note 1: Insulated
www.nellsemi.com


Similar Part No. - 16T10H-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T10HB NELLSEMI-16T10HB Datasheet
661Kb / 7P
   TRIACs
16T10HBW NELLSEMI-16T10HBW Datasheet
661Kb / 7P
   TRIACs
16T10HC NELLSEMI-16T10HC Datasheet
661Kb / 7P
   TRIACs
16T10HCW NELLSEMI-16T10HCW Datasheet
661Kb / 7P
   TRIACs
16T10HSW NELLSEMI-16T10HSW Datasheet
661Kb / 7P
   TRIACs
More results

Similar Description - 16T10H-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com