Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12FT08G-S Datasheet(PDF) 7 Page - Nell Semiconductor Co., Ltd

Part # 12FT08G-S
Description  Sensitive and Standard SCRs, 12A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12FT08G-S Datasheet(HTML) 7 Page - Nell Semiconductor Co., Ltd

  12FT08G-S Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12FT08G-S Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12FT08G-S Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12FT08G-S Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12FT08G-S Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12FT08G-S Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 12FT08G-S Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
12PTSeries
RoHS
1
2
2
3
1.14(0.045)
0.89(0.035)
0.76(0.030)
2.28(0.090)
4.57(0.180)
0.64(0.025)
6.4(0.251)
6.6(0.259)
5.4(0.212)
5.2(0.204)
1.5(0.059)
1.37(0.054)
9.35(0.368)
10.1(0.397)
2.4(0.095)
2.2(0.086)
0.62(0.024)
0.48(0.019)
6.2(0.244)
6(0.236)
0.62(0.024)
0.45(0.017)
TO-252
(D-PAK)
CaseStyle
Page7of7
(G)3
1(A1)
(A2)
2
www.nellsemi.com
TO-263(D PAK)
2
2.79(0.110)
0.36(0.014)
2.79(0.110)
2.29(0.090)
1.40(0.055)
1.19(0.047)
0
0.254(0
0.01)
to
to
1.40(0.055)
1.14(0.045)
4.83(0.190)
4.06(0.160)
10.45(0.411)
9.65(0.380)
6.22(0.245)
9.14(0.360)
8.13(0.320)
15.00(0.591)
0.940(0.037)
0.686(0.027)
2.67(0.105)
2.41(0.095)
5.20(0.205)
4.95(0.195)
15.85(0.624)
3.56(0.140)
0.53(0.021)


Similar Part No. - 12FT08G-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12F IRF-12F Datasheet
336Kb / 8P
   6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
logo
Naina Semiconductor ltd...
12F NAINA-12F Datasheet
80Kb / 1P
   12AMP SILICON POWER DIODE
logo
New Jersey Semi-Conduct...
12F NJSEMI-12F Datasheet
217Kb / 4P
   STANDARD RECOVERY DIODES
logo
TRANSYS Electronics Lim...
12F-10 TEL-12F-10 Datasheet
160Kb / 1P
   STANDARD RECOVERY DIODE
More results

Similar Description - 12FT08G-S

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12 Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
logo
Thinki Semiconductor Co...
TYN612T THINKISEMI-TYN612T Datasheet
677Kb / 6P
   SENSITIVE & STANDARD(12A SCRs)
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com