Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T08G-B Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 8T08G-B
Description  TRIACs, 8A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8T08G-B Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  8T08G-B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8T08G-B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8T08G-B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8T08G-B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8T08G-B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8T08G-B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8T08G-B Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.nellsemi.com
Page 6 of 7
SEMICONDUCTOR
8T Series RoHS
RoHS
Fig.9 Relative variation of critical rate of decrease
of main current versus junction temperature.
2
Fig.10 DPAK and D PAK Thermal resistance junction
to ambient versus copper surface under tab
(printed circuit board Fr4, copper thickness:
35 µm.)
0
1
2
3
4
5
6
(dI/dt)c [T ] / (dI/dt)c [T specified]
j
j
T (°C)
j
0
10
20
30
40
50
60
70
80
90
100
Rth(j-a) (°C/W)
DPAK
2
D PAK
2
S(cm )
Case Style
4
8
12
16
20
24
28
32
36
40
0
0
25
50
75
100
125
2.87 (0.113)
2.62 (0.103)
9.40 (0.370)
9.14 (0.360)
10.54 (0.415) MAX.
16.13 (0.635)
15.87 (0.625)
PIN
4.06 (0.160)
3.56 (0.140)
1.45 (0.057)
1.14 (0.045)
2.67 (0.105)
2.41 (0.095)
2.65 (0.104)
2.45 (0.096)
5.20 (0.205)
4.95 (0.195)
0.90 (0.035)
0.70 (0.028)
3.91 (0.154)
3.74 (0.148)
1
3
2
4.70 (0.185)
4.44 0.1754
(
)
1.39 (0.055)
1.14 (0.045)
3.68 (0.145)
3.43 (0.135)
8.89 (0.350)
8.38 (0.330)
29.16 (1.148)
28.40 (1.118)
14.22 (0.560)
13.46 (0.530)
0.56 (0.022)
0.36 (0.014)
2.79 (0.110)
2.54 (0.100)
15.32 (0.603)
14.55 (0.573)
TO-220AB
2
TO-263(D PAK)
2.79 (0.110)
0.36 (0.014)
2.79 (0.110)
2.29 (0.090)
1.40 (0.055)
1.19 (0.047)
0 to 0.254 (0 to 0.01)
1.40 (0.055)
1.14 (0.045)
4.83 (0.190)
4.06 (0.160)
10.45 (0.411)
9.65 (0.380)
6.22 (0.245)
9.14 (0.360)
8.13 (0.320)
15.00 (0.591)
0.940 (0.037)
0.686 (0.027)
2.67 (0.105)
2.41 (0.095)
5.20 (0.205)
4.95 (0.195)
15.85 (0.624)
3.56 (0.140)
0.53 (0.021)


Similar Part No. - 8T08G-B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 8T08G-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com