Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8PT08AI-T Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 8PT08AI-T
Description  Sensitive and Standard SCRs, 8A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8PT08AI-T Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  8PT08AI-T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8PT08AI-T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8PT08AI-T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8PT08AI-T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8PT08AI-T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8PT08AI-T Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8PT08AI-T Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page5of7
8PTSeries
I
(A)
STM
Fig.11 Surge peak on-state current versus
numberofcycles
Fig.12 Non-repetitive surge peak on-state current
andcorrespondingvaluesofl²t
www.nellsemi.com
0.01
0
200
400
1600
1.00
Fig.9 Relative variation of dV/dt immunity
versusgate-cathoderesistance
0
160 180
0.0
2.5
5.0
7.5
0.0
0.2
4.0
5.0
5.5
-20
0
60
20
-40
40
3.5
4.5
100
140
80
120
0.4
dV/dt[R
]/dV/dt[R
=220Ω]
GK
GK
6.0
Fig.7 Relative variation of gate trigger and
holdingcurrentversusjunction
temperature
Fig.8 Relative variation of holding current
versusgate-cathoderesistance
(typicalvalues)
dV/dt[C
]/dV/dt[R
=220Ω]
GK
GK
Tj(°C)
IGT
l &I
H
L
5mA&15mA
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
IGT=200µA
T =25 C
j
R
(KΩ)
GK
1
E-2
1
E-1
1
E+0
1
E+1
R
(KΩ)
GK
T =125 C
j
°
V =0.67XV
D
DRM
600
800 1000 1200 1400
1800 2000
0.10
10.00
V =0.67XV
D
DRM
T =125 C
j
R
=220Ω
GK
C
(nF)
GK
20
40
60
80
120 140
200 220
100
10.0
12.5
15.0
t =10ms
p
Onecycle
Nonrepetitive
T initial=25 C
j
°
Repetitive
Tc=110 C
°
Numberofcycles
0.01
10
0
40
30
60
70
90
1
100
1000
20
50
10
80
100
tp(ms)
Sinusoidalpulsewith widthtp<10ms
Tjinital=25 C
I²t
ITSM
dI/dtIimitation
0.10
1.00
10.00
10
100
1000
I [R
]/I [R
=1KΩ]
H
GK
H
GK
I
,I ,I [Tj]/I
,I ,I [Tj=25 C]
GT H L
GT H L
°
3.0
2.5
2.0
1.5
1.0
0.5
0.0
(typicalvalues)forI =200µA
G
Fig.1 Relative variation of dV/dt immunity
0
versusgate-cathodecapacitance
(typicalvalues)forI
=200µA
GT
I
(A),I²t(A²s)
TSM


Similar Part No. - 8PT08AI-T

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA NELLSEMI-8PTxxA Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA-S NELLSEMI-8PTxxA-S Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA-T NELLSEMI-8PTxxA-T Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxF NELLSEMI-8PTxxF Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
More results

Similar Description - 8PT08AI-T

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com